Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4029 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N4029
Description  Type 2N4029 Geometry 6700 Polarity PNP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4029 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N4029 Datasheet HTML 1Page - Semicoa Semiconductor 2N4029 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N4029
Geometry 6700
Polarity PNP
Qual Level: JAN - JANTXV
Data Sheet No. 2N4029
Generic Part Number:
2N4029
REF: MIL-PRF-19500/512
Features:
• General-purpose transistor for
high speed switching and driver
applicatons.
• Housed in a TO-18 case.
• Also available in chip form using
the 6700 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/512 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
V
Collector-Base Voltage
VCBO
80
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current, Continuous
IC
1.0
mA
Power Dissipation at 25
oC ambient
0.5
Watt
Derate above 25
oC
2.86
mW/
oC
Operating Junction Temperature
TJ
-55 to +200
oC
Storage Temperature
TSTG
-55 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO-18


Similar Part No. - 2N4029

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N4029 MICRO-ELECTRONICS-2N4029 Datasheet
39Kb / 1P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029 Datasheet
57Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N4029 SEMICOA-2N4029 Datasheet
212Kb / 2P
   Silicon PNP Transistor
logo
Seme LAB
2N4029 SEME-LAB-2N4029 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029 Datasheet
290Kb / 6P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N4029

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
   Type 2N5151 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
   Type 2N5151L Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
   Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
   Type 2N3468L Geometry 6706 Polarity PNP
2N3762 SEMICOA-2N3762 Datasheet
86Kb / 2P
   Type 2N3762 Geometry 6706 Polarity PNP
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
   Type 2N3811 Geometry 0220 Polarity PNP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com