Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5310 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C5310
Description  VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5310 Datasheet(HTML) 2 Page - Vectron International, Inc

  C5310_07 Datasheet HTML 1Page - Vectron International, Inc C5310_07 Datasheet HTML 2Page - Vectron International, Inc C5310_07 Datasheet HTML 3Page - Vectron International, Inc C5310_07 Datasheet HTML 4Page - Vectron International, Inc C5310_07 Datasheet HTML 5Page - Vectron International, Inc C5310_07 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C5310
VCXO
Vectron International · www.vectron.com
v.2007-03-09 · page 2 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju Road,
W aiGaoQiao Free Trade Zone, Pudong,
Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Signal
HCMOS
RFH
Load
15.0
pF
Rise and Fall time
5
ns
@ 15 pF 10 to 90 %
Duty cycle
40
60
%
@ Vs/2
Signal
PECL
RFP
Load
50
Ω
Vs - 2V
Rise and Fall time
1
ns
20 to 80 %
Duty cycle
45
55
%
Signal
LVDS
RFL
Load
100
Ω
Rise and Fall time
1
ns
10 to 90 %
Duty cycle
40
60
%
Signal
Sinewave
RFS
Load
50
Ω
Output Power
-3
0
3
dBm
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
±75.0
±100.0
±90.0
±140.0
+200.0
±200.0
ppm
ppm
Frequency > 40MHz
Frequency <40MHz
Linearity
10
%
Tuning Slope
Positive
Control Voltage Range
0.0
0.5
1.65
2.5
3.3
4.5
VDC
VDC
with Vs=3.3VDC
with Vs=5.0VDC
Frequency control input impedance
10
k
Ω
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise
-85
dBc/Hz
10 Hz
@52 MHz
-115
dBc/Hz
100 Hz
HCMOS
-138
dBc/Hz
1 kHz
3,3V
-153
dBc/Hz
10 kHz
-155
dBc/Hz
100 kHz
Jitter
0,3
ps RMS
@ 12 kHz to 20 MHz
Phase Noise
-80
dBc/Hz
10 Hz
@155,52 MHz
-105
dBc/Hz
100 Hz
PECL
-135
dBc/Hz
1 kHz
3,3V
-143
dBc/Hz
10 kHz
-143
dBc/Hz
100 kHz
Jitter
0,6
ps RMS
@ 12 kHz to 20 MHz
Phase Noise
-80
dBc/Hz
10 Hz
@155,52 MHz
-112
dBc/Hz
100 Hz
LVDS
-130
dBc/Hz
1 kHz
3,3V
-150
dBc/Hz
10 kHz
-155
dBc/Hz
100 kHz
Jitter
0,2
ps RMS
@ 12 kHz to 20 MHz


Similar Part No. - C5310_07

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C5310-DUAL VECTRON-C5310-DUAL Datasheet
148Kb / 6P
   Surface Mount Package
More results

Similar Description - C5310_07

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
   VCXO
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
   VCXO
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
   VCXO
logo
Advanced XTAL Products
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
   VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
   VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
   VCXO
logo
Kyocera Kinseki Corpota...
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
   VCXO
logo
MMD Components
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
   VCXO
logo
Advanced XTAL Products
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
   VCXO
logo
Kyocera Kinseki Corpota...
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
   VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com