Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1402CAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1402CAI
Description  5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1402CAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1402CAI Datasheet HTML 4Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 5Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 6Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 9Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 10Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 11Page - Maxim Integrated Products MAX1402CAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
+5V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
8
_______________________________________________________________________________________
Note 19: All input signals are specified with tr = tf = 5ns (10% to 90% of VDD) and timed from a voltage level of 1.6V.
Note 20: See Figure 4.
Note 21: Timings shown in tables are for the case where SCLK idles high between accesses. The part may also be used with the
SCLK idling low between accesses, provided CS is toggled. In this case SCLK in the timing diagrams should be inverted
and the terms “SCLK Falling Edge” and “SCLK Rising Edge” exchanged in the specification tables. If CS is permanently
tied low, the part should only be operated with SCLK idling high between accesses.
Note 22: CLKIN duty cycle range is 45% to 55%. CLKIN must be supplied whenever the MAX1402 is not in standby mode. If no
clock is present, the device can draw higher current than specified.
Note 23: The MAX1402 is production tested with fCLKIN at 2.5MHz (1MHz for some IDD tests).
Note 24: Measured with the load circuit of Figure 1 and defined as the time required for the output to cross the VOL or VOH limits.
Note 25: For read operations, SCLK active edge is falling edge of SCLK.
Note 26: Derived from the time taken by the data output to change 0.5V when loaded with the circuit of Figure 1. The number is then
extrapolated back to remove effects of charging or discharging the 50pF capacitor. This ensures that the times quoted in
the timing characteristics are true bus-relinquish times and are independent of external bus loading capacitances.
Note 27: INT returns high after the first read after an output update. The same data can be read again while INT is high, but be
careful not to allow subsequent reads to occur close to the next output update.
Note 28: Auxiliary inputs DS0 and DS1 are latched on the first falling edge of SCLK during a data-read cycle.
SCLK High Pulse Width
t16
100
ns
SCLK Low Pulse Width
t17
100
ns
Data Valid to SCLK Rising Edge
Hold Time
t15
0
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CS Falling Edge to SCLK Falling
Edge Setup Time
t13
30
ns
Data Valid to SCLK Rising Edge
Setup Time
t14
30
ns
CONDITIONS
TIMING CHARACTERISTICS (continued)
(V+ = +5V ±5%, VDD = +2.7V to +5.25V, AGND = DGND, fCLKIN = 2.4576MHz; input logic 0 = 0V; logic 1 = VDD, TA = TMIN to TMAX,
unless otherwise noted.) (Notes 19, 20, 21)
CS Rising Edge to SCLK Rising
Edge Hold Time
t18
0
ns
DS0/DS1 to SCLK Falling Edge
Hold Time (Notes 21 & 28)
t20
0
ns
DS0/DS1 to SCLK Falling Edge
Setup Time (Notes 21 & 28)
t19
40
ns
800
µA
at VDD = +5V
100
µA
at VDD = +3.3V
TO
OUTPUT
PIN
50pF
200
µA
at VDD = +5V
100
µA
at VDD = +3.3V
Figure 1. Load Circuit for Bus-Relinquish Time and VOL and
VOH Levels
AUXILIARY DIGITAL INPUTS (DS0 and DS1)


Similar Part No. - MAX1402CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402CAI MAXIM-MAX1402CAI Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
More results

Similar Description - MAX1402CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com