Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1402 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1402
Description  5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1402 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1402_07 Datasheet HTML 1Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 2Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 3Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 4Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 5Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 6Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 7Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 8Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
%FSR
+5V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +5V ±5%, VDD = +2.7V to +5.25V, VREFIN+ = +2.50V, REFIN- = AGND, fCLKIN = 2.4576MHz, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to AGND, DGND .................................................-0.3V to +6V
VDD to AGND, DGND ...............................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
Analog Inputs to AGND................................-0.3V to (V+ + 0.3V)
Analog Outputs to AGND .............................-0.3V to (V+ + 0.3V)
Reference Inputs to AGND...........................-0.3V to (V+ + 0.3V)
CLKIN and CLKOUT to DGND...................-0.3V to (VDD + 0.3V)
All Other Digital Inputs to DGND..............................-0.3V to +6V
All Digital Outputs to DGND .......................-0.3V to (VDD + 0.3V)
Maximum Current Input into Any Pin ..................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.52mW/°C above +70°C) ........524mW
Operating Temperature Ranges
MAX1402CAI .....................................................0°C to +70°C
MAX1402EAI...................................................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
µV/°C
For gains of 1, 2, 4
No missing codes guaranteed by design;
for filter settings with FS1 = 0
For gains of 1, 2, 4, 8, 16, 32, 64
For gain of 128
For gains of 1, 2, 4, 8, 16, 32, 64
For gain of 128
For gains of 1, 2, 4, 8, 16, 32, 64
For gain of 128
For gains of 1, 2, 4
For gains of 1, 2, 4, 8, 16, 32, 64
For gains of 8, 16, 32, 64, 128
For gains of 1, 2, 4
Depends on filter setting and selected gain
Bipolar mode, filter settings with FS1 = 0
Relative to nominal of 1% FSR
For gains of 8, 16, 32, 64, 128
CONDITIONS
0.8
%FSR
-2.5
2.5
Bipolar Negative Full-Scale Error
ppm/°C
5
Gain-Error Drift (Note 5)
1
%FSR
-3
3
Gain Error (Note 4)
-2
2
%FSR
-3.5
3.5
-2.5
2.5
Positive Full-Scale Error
(Note 2)
0.3
Bipolar Zero Drift
Bits
16
Noise-Free Resolution
0.8
%FSR
-2.0
2.0
Bipolar Zero Error
µV/°C
0.3
Unipolar Offset Drift
0.5
Table 16
Output Noise
%FSR
-0.0015
0.0015
INL
Integral Nonlinearity
0.98
Nominal Gain (Note 1)
%FSR
-1
2
Unipolar Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
For gains of 8, 16, 32, 64, 128
µV/°C
0.3
Bipolar Negative Full-Scale Drift
For gains of 8, 16, 32, 64, 128
For gains of 1, 2, 4
µV/°C
0.3
0.8
Full-Scale Drift (Note 3)
For gain of 128
-3.5
3.5
STATIC PERFORMANCE


Similar Part No. - MAX1402_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402CAI MAXIM-MAX1402CAI Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1402EAI MAXIM-MAX1402EAI Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1402EVC16 MAXIM-MAX1402EVC16 Datasheet
211Kb / 12P
   Fully Assembled and Tested
Rev 2; 5/07
MAX1402EVKIT MAXIM-MAX1402EVKIT Datasheet
211Kb / 12P
   Fully Assembled and Tested
Rev 2; 5/07
More results

Similar Description - MAX1402_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com