Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1401CAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1401CAI
Description  3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1401CAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1401CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 9Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 10Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 11Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 12Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 13Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 14Page - Maxim Integrated Products MAX1401CAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
+3V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
______________________________________________________________________________________
11
Pin Description
Analog Input 6. May be used as a common point for AIN1 through AIN5 in pseudo-differential mode, or as
the negative input of the AIN5/AIN6 differential analog input pair (see On-Chip Registers section).
AIN6
16
Analog Input Channel 4. May be used as a pseudo-differential input with AIN6 as common, or as the neg-
ative input of the AIN3/AIN4 differential analog input pair (see On-Chip Registers section).
AIN4
14
Analog Input Channel 3. May be used as a pseudo-differential input with AIN6 as common, or as the posi-
tive input of the AIN3/AIN4 differential analog input pair (see On-Chip Registers section).
AIN3
13
Analog Input Channel 2. May be used as a pseudo-differential input with AIN6 as common, or as the neg-
ative input of the AIN1/AIN2 differential analog input pair (see On-Chip Registers section).
AIN2
12
Analog Input Channel 1. May be used as a pseudo-differential input with AIN6 as common, or as the posi-
tive input of the AIN1/AIN2 differential analog input pair (see On-Chip Registers section).
AIN1
11
Analog Positive Supply Voltage (+2.7V to +3.6V)
V+
10
Analog Ground. Reference point for the analog circuitry. AGND connects to the IC substrate.
AGND
9
Negative Analog Input. A direct input to the negative buffer and the negative differential input terminal of
the ADC - bypassing the input mux. This signal forms a differential input pair with ADCIN+. Connect
ADCIN- to MUXOUT- when direct access is not required.
ADCIN-
8
Positive Analog Input. A direct input to the positive buffer and the positive differential input terminal of the
ADC, bypassing the input mux. This signal forms a differential input pair with ADCIN-. Connect ADCIN+ to
MUXOUT+ when direct access is not required.
ADCIN+
7
Negative Analog Mux Output. The negative differential output signal from the part’s internal input multi-
plexer. Use this signal in conjunction with MUXOUT+ and a high-quality external amplifier for additional
signal processing before conversion. Return the processed output through ADCIN+ and ADCIN-.
Connect MUXOUT- directly to ADCIN- if external processing is not required.
MUXOUT-
6
Positive Analog Mux Output. The positive differential output signal from the part’s internal input multiplex-
er. Use this signal in conjunction with MUXOUT- and a high-quality external amplifier for additional signal
processing before conversion. Return the processed output through ADCIN+ and ADCIN-. Connect
MUXOUT+ directly to ADCIN+ if external processing is not required.
MUXOUT+
5
Active-Low Reset Input. Drive low to reset the control logic, interface logic, digital filter, and analog modu-
lator to power-on status. RESET must be high and CLKIN must be toggling in order to exit reset.
RESET
4
Chip-Select Input. This active-low logic input is used to enable the digital interface. With CS hard-wired
low, the MAX1401 operates in its 3-wire interface mode with SCLK, DIN, and DOUT used to interface to
the device. CS is used either to select the device in systems with more than one device on the serial bus,
or as a frame-synchronization signal for the MAX1401 when a continuous SCLK is used.
CS
3
Clock Output. When deriving the master clock from a crystal, connect the crystal between CLKIN and
CLKOUT. In this mode, the on-chip clock signal is not available at CLKOUT. Leave CLKOUT unconnected
when CLKIN is driven with an external clock.
CLKOUT
2
PIN
Clock Input. A crystal can be connected across CLKIN and CLKOUT. Alternatively, drive CLKIN with a
CMOS-compatible clock at a nominal frequency of 2.4576MHz or 1.024MHz, and leave CLKOUT uncon-
nected. Frequencies of 4.9152MHz and 2.048MHz may be used if the X2CLK control bit is set to 1.
CLKIN
1
FUNCTION
NAME
Analog Input Channel 5. Used as a differential or pseudo-differential input with AIN6 (see On-Chip
Registers section).
AIN5
15


Similar Part No. - MAX1401CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1401CAI MAXIM-MAX1401CAI Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
More results

Similar Description - MAX1401CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com