Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1401EAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1401EAI
Description  3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1401EAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1401EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 10Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 11Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 12Page - Maxim Integrated Products MAX1401EAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
-15
0
-5
-10
5
10
15
-1.0
-0.5
0
0.5
1.0
DIFFERENTIAL INPUT VOLTAGE (V)
480sps
GAIN = +1V/V
262, 144 pts
DIFFERENTIAL NONLINEARITY
+3V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
_______________________________________________________________________________________
9
-15
0
-5
-10
5
10
15
DIFFERENTIAL INPUT VOLTAGE (V)
-1.0
-0.5
0
0.5
1.0
480sps
GAIN = +1V/V
262, 144 pts
INTEGRAL NONLINEARITY
0
100
50
200
150
300
250
350
-50
0
25
-25
50
75
100
VDD SUPPLY CURRENT vs. TEMPERATURE
(20sps OUTPUT DATA RATE UNBUFFERED)
TEMPERATURE (°C)
VDD = +3.6V
(NOTE 30)
0
100
50
200
150
300
250
350
-50
0
25
-25
50
75
100
VDD SUPPLY CURRENT vs. TEMPERATURE
(60sps OUTPUT DATA RATE UNBUFFERED)
TEMPERATURE (°C)
(NOTE 30)
VDD = +3.6V
0
200
100
400
300
600
500
-50
0
25
-25
50
75
100
V+ SUPPLY CURRENT vs. TEMPERATURE
(60sps OUTPUT DATA RATE)
TEMPERATURE (°C)
BUFFERED
UNBUFFERED
0
100
50
200
150
300
250
350
-50
0
25
-25
50
75
100
VDD SUPPLY CURRENT vs. TEMPERATURE
(120sps OUTPUT DATA RATE UNBUFFERED)
TEMPERATURE (°C)
VDD = +3.6V
(NOTE 30)
0
100
50
200
150
300
250
350
400
-50
0
25
-25
50
75
100
V+ SUPPLY CURRENT vs. TEMPERATURE
(20sps OUTPUT DATA RATE)
TEMPERATURE (°C)
BUFFERED
UNBUFFERED
0
400
200
800
600
1200
1000
-50
0
25
-25
50
75
100
V+ SUPPLY CURRENT vs. TEMPERATURE
(120sps OUTPUT DATA RATE)
TEMPERATURE (°C)
BUFFERED
UNBUFFERED
Typical Operating Characteristics
(V+ = +3V, VDD = +3V, VREFIN+ = +1.25V, REFIN- = AGND, fCLKIN = 2.4576MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1401EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1401EAI MAXIM-MAX1401EAI Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
More results

Similar Description - MAX1401EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com