Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1401 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1401
Description  3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1401 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1401_02 Datasheet HTML 1Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 2Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 3Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 4Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 5Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 6Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 7Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 8Page - Maxim Integrated Products MAX1401_02 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
+3V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
________________________________________________________________ Maxim Integrated Products
1
19-1480; Rev 1; 7/02
EVALUATION
KIT
AVAILABLE
General Description
The MAX1401 18-bit, low-power, multichannel, serial-
output ADC uses a sigma-delta modulator with a digital
decimation filter to achieve true 16-bit accuracy. The
user-selectable decimation factor of the digital filter
allows the conversion resolution to be reduced in
exchange for a higher output data rate. The device
achieves true 16-bit performance at an output data rate of
up to 480sps. In addition, the modulator sampling
frequency may be optimized for either lowest power
dissipation or highest throughput rate. The MAX1401
operates from +3V.
This device offers three fully differential input channels
that can be independently programmed with a gain
between +1V/V and +128V/V. Furthermore, it can com-
pensate an input-referred DC offset (such as system off-
set) up to 117% of the selected full-scale range. These
three differential channels may also be configured to
operate as five pseudo-differential input channels. Two
additional, fully differential system-calibration channels
are provided for gain and offset error correction. External
access is provided to the multiplexer (mux) output to
facilitate additional signal processing.
The MAX1401 can be configured to sequentially scan all
signal inputs and provide the results through the serial
interface with minimum communications overhead. When
used with a 2.4576MHz or 1.024MHz master clock, the
digital decimation filter can be programmed to produce
zeros in its frequency response at the line frequency
and associated harmonics, ensuring excellent line rejec-
tion without the need for further postfiltering.
The MAX1401 is available in a 28-pin SSOP package.
Applications
Portable Industrial Instruments
Portable Weigh Scales
Loop-Powered Systems
Pressure Transducers
Features
o 18-Bit Resolution, Sigma-Delta ADC
o 16-Bit Accuracy with No Missing Codes to 480sps
o Access to the Mux Output/ADC Input
o Low Quiescent Current
250µA (operating mode)
2µA (power-down mode)
o 3 Fully Differential or 5 Pseudo-Differential Signal
Input Channels
o 2 Additional Fully Differential Calibration
Channels/Auxiliary Input Channels
o Programmable Gain and Offset
o Fully Differential Reference Inputs
o Converts Continuously or On Command
o Automatic Channel Scanning and Continuous
Data Output Mode
o Operates with Analog and Digital Supplies
from +2.7V to +3.6V
o SPI™/QSPI™-Compatible 3-Wire Serial Interface
o 28-Pin SSOP Package
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SCLK
DIN
DOUT
INT
VDD
DGND
AIN5
CALOFF+
CALOFF-
REFIN+
REFIN-
CALGAIN+
CALGAIN-
AIN6
AIN4
AIN3
AIN2
AIN1
V+
AGND
ADCIN-
ADCIN+
MUXOUT-
MUXOUT+
RESET
CS
CLKOUT
CLKIN
SSOP
TOP VIEW
MAX1401
SPI and QSPI are trademarks of Motorola, Inc.
Pin Configuration
Ordering Information
28 SSOP
28 SSOP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
-40°C to +85°C
MAX1401EAI
MAX1401CAI
PART
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1401_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1401CAI MAXIM-MAX1401CAI Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1401EAI MAXIM-MAX1401EAI Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
More results

Similar Description - MAX1401_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com