Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V480LA80CP Datasheet(PDF) 1 Page - Littelfuse

Part # V480LA80CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V480LA80CP Datasheet(HTML) 1 Page - Littelfuse

  V480LA80CP Datasheet HTML 1Page - Littelfuse V480LA80CP Datasheet HTML 2Page - Littelfuse V480LA80CP Datasheet HTML 3Page - Littelfuse V480LA80CP Datasheet HTML 4Page - Littelfuse V480LA80CP Datasheet HTML 5Page - Littelfuse V480LA80CP Datasheet HTML 6Page - Littelfuse V480LA80CP Datasheet HTML 7Page - Littelfuse V480LA80CP Datasheet HTML 8Page - Littelfuse V480LA80CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
C-III Varistor Series
Description
The C-III Series of Metal-Oxide Varistors (MOVs) are
specifically designed for applications requiring high surge
energy absorption ratings and superior multiple pulse
absorption rating. This is achieved through a special
dielectric material formulation which also results in
higher repetitive surge ratings than other MOV types.
The C-III Series is primarily intended for use in AC
line Transient Voltage Surge Suppressor (TVSS)
product environment and other similar applications
requiring high transient energy and peak current
capability in a relatively small package size.
Features
gh energy
absorption capability
W
TM 40J to 530J (2ms)
current capability
I
TM 3500A to
μs)
Wide operating
voltage range
VM(AC)RMS
reel for automatic
insertion; Also available
trimmed lead styles
The C-III Series is
14mm and 20mm
disc versions with
various lead options
Agency Approvals
Absolute Maximum Ratings
Agency
Agency File Number
E320116
42201-006
Continuous
C-III Series
Units
Steady State Applied Voltage:
M(AC)RMS)
130 to 660
V
Transients:
Single-Pulse Peak Current (I
TM
μs Wave
(See Peak Pulse Current Test Waveform)
A
Single-Pulse Energy Range (W
TM) 2ms Rectangular Wave
40 to 530
J
Operating Ambient Temperature Range (T
A)
Storage Temperature Range (T
STG)
-55 to +125
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.0
2500
V
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
RoHS


Similar Part No. - V480LA80CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V480LA80B LITTELFUSE-V480LA80B Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V480LA80B LITTELFUSE-V480LA80B Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V480LA80B LITTELFUSE-V480LA80B Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V480LA80B LITTELFUSE-V480LA80B Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V480LA80CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com