Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V275LA10CP Datasheet(PDF) 2 Page - Littelfuse

Part # V275LA10CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V275LA10CP Datasheet(HTML) 2 Page - Littelfuse

  V275LA10CP Datasheet HTML 1Page - Littelfuse V275LA10CP Datasheet HTML 2Page - Littelfuse V275LA10CP Datasheet HTML 3Page - Littelfuse V275LA10CP Datasheet HTML 4Page - Littelfuse V275LA10CP Datasheet HTML 5Page - Littelfuse V275LA10CP Datasheet HTML 6Page - Littelfuse V275LA10CP Datasheet HTML 7Page - Littelfuse V275LA10CP Datasheet HTML 8Page - Littelfuse V275LA10CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
C-III Series Ratings
Part Number
Branding
Disc
Size
(mm)
Maximum Ratings (85 °C)
Specifications (25 °C)
Continuous
Transient
Varistor Voltage
at 1mA DC Test
Current
Maximum
Clamping
Voltage
(8/20μs)
Duty Cycle
Surge Rating
Maximum
V
RMS
V
M(AC)
(V)
Withstanding
Energy (2ms)
W
TM (
)
(J)
Peak Current
(8/20μs)
I
TM1
1 Pulse
(A)
I
TM2
2 Pulses
(A)
V
Min
(V)
V
Max
(V)
V
C
(V)
I
p
(A)
3kA
(8/20μs)
#
Pulses
750A
(8/20μs)
#
Pulses
10
130
40
3500
3000
340
25
2
20
14
130
6500
5000
340
50
10
20
130
200
10000
340
100
20
120
20
130
200
10000
220
325
100
20
120
10
140
45
3500
3000
242
360
25
2
20
14
140
6500
5000
242
360
50
10
20
140
210
10000
242
360
100
20
120
20
140
210
10000
230
340
100
20
120
10
150
50
3500
3000
212
25
2
20
14
150
100
6500
5000
212
50
10
20
150
215
10000
212
100
20
120
20
150
215
10000
212
243
360
100
20
120
10
55
3500
3000
303
455
25
2
20
14
110
6500
5000
303
455
50
10
20
220
10000
303
455
100
20
120
20
220
10000
425
100
20
120
10
230
60
3500
3000
324
25
2
20
14
230
125
6500
5000
324
50
10
20
230
10000
324
100
20
120
20
230
10000
324
100
20
120
10
250
65
3500
3000
354
650
25
2
20
14
250
135
6500
5000
354
650
50
10
20
250
300
10000
354
650
100
20
120
20
250
300
10000
354
413
620
100
20
120
10
3500
3000
25
2
20
14
145
6500
5000
50
10
20
320
10000
100
20
120
20
320
10000
453
100
20
120
10
300
3500
3000
420
25
2
20
14
300
155
6500
5000
420
50
10
20
300
335
10000
420
100
20
120
20
300
335
10000
420
100
20
120
10
320
3500
3000
462
565
25
2
20
14
320
165
6500
5000
462
565
50
10
20
320
345
10000
462
565
100
20
120
20
320
345
10000
462
540
100
20
120
14
6500
5000
1025
50
10
20
10000
1025
100
20
120
14
420
6500
5000
610
1120
50
10
20
420
10000
610
1120
100
20
120
10
460
3500
3000
640
25
2
20
14
460
6500
5000
640
50
10
20
460
430
10000
640
100
20
120
14
6500
5000
1240
50
10
20
420
10000
1240
100
20
120
14
510
205
6500
5000
1350
50
10
20
510
440
10000
1350
100
20
120


Similar Part No. - V275LA10CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V275LA10 LITTELFUSE-V275LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V275LA10 LITTELFUSE-V275LA10 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V275LA10P LITTELFUSE-V275LA10P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V275LA10CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com