Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V07E300P Datasheet(PDF) 9 Page - Littelfuse

Part # V07E300P
Description  Radial Lead Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E300P Datasheet(HTML) 9 Page - Littelfuse

Back Button V07E300P Datasheet HTML 3Page - Littelfuse V07E300P Datasheet HTML 4Page - Littelfuse V07E300P Datasheet HTML 5Page - Littelfuse V07E300P Datasheet HTML 6Page - Littelfuse V07E300P Datasheet HTML 7Page - Littelfuse V07E300P Datasheet HTML 8Page - Littelfuse V07E300P Datasheet HTML 9Page - Littelfuse V07E300P Datasheet HTML 10Page - Littelfuse V07E300P Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Tape Specifications for Reel and Ammo Pack Items (Refer to dimensions on following page)
CRIMPED LEADS "L2"
CRIMPED LEADS "L2"
P1
P0
E
DP
DH
DH
W1
W
F
t
W2
W0
P
DP
C
b
H0
D0
H1
SEATING
PLANE
P2
P1
P1
W0
E
DP
DH
DH
W1
W
F
t
W2
P
DP
C
b
H0
D0
H1
SEATING
PLANE
P2
INLINE LEADS "L3"
INLINE LEADS "L3"
W0
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
P
DP
b
H
D0
H1
P1
W0
P2
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
b
H
D0
H1
STRAIGHT LEADS "L1"
STRAIGHT LEADS "L1"
W0
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
P
DP
b
H
D0
H1
P1
W0
P2
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
b
H
D0
H1
7mm Devices
10, 14 and 20mm Devices


Similar Part No. - V07E300P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E300P LITTELFUSE-V07E300P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V07E300P LITTELFUSE-V07E300P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E300P LITTELFUSE-V07E300P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E300P LITTELFUSE-V07E300P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V07E300P LITTELFUSE-V07E300P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V07E300P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com