Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V27ZA60P Datasheet(PDF) 1 Page - Littelfuse

Part # V27ZA60P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27ZA60P Datasheet(HTML) 1 Page - Littelfuse

  V27ZA60P Datasheet HTML 1Page - Littelfuse V27ZA60P Datasheet HTML 2Page - Littelfuse V27ZA60P Datasheet HTML 3Page - Littelfuse V27ZA60P Datasheet HTML 4Page - Littelfuse V27ZA60P Datasheet HTML 5Page - Littelfuse V27ZA60P Datasheet HTML 6Page - Littelfuse V27ZA60P Datasheet HTML 7Page - Littelfuse V27ZA60P Datasheet HTML 8Page - Littelfuse V27ZA60P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 22, 2010
ZA Varistor Series
Radial Lead Varistors > ZA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/za.html for current information.
Description
The ZA Series of transient voltage surge suppressors
are radial leaded varistors (MOVs) designed for
use in the protection of low and medium-voltage
circuits and systems. Typical applications include
motor control, telecom, automotive systems,
solenoid, and power supply circuits to protect circuit
board components and maintain data integrity.
These devices are available in five model sizes:
5mm, 7mm, 10mm, 14mm and 20mm, and feature
a wide V
DC voltage range of 5.5V to 615V.
See ZA Series Device Ratings and Specifications
Table for part number and brand information.
Features
compliant
range V
M(AC)RMS
4V to 460V
5.5V to 615V
85ºC ambient
available: 5, 7, 10,
14, and 20mm
hard-wired or printed
circuit board designs
form options
Agency Approvals
Absolute Maximum Ratings
Agency
Agency File Number
E135010, (+ E320116 for selected parts)
116895
42201-006
Continuous
ZA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
4 to 460
V
DC Voltage Range (V
M(DC))
5.5 to 615
V
Transients:
TM)
For 8/20μ
50 to 6500
A
Single Pulse Energy Range (Note 1)
For 10/1000μ
TM)
0.1 to 52
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
2500
V
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
ZA Varistor Series
RoHS


Similar Part No. - V27ZA60P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   ZA Varistor Series
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V27ZA60P LITTELFUSE-V27ZA60P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V27ZA60P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com