Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V56MA2A Datasheet(PDF) 4 Page - Littelfuse

Part # V56MA2A
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V56MA2A Datasheet(HTML) 4 Page - Littelfuse

  V56MA2A Datasheet HTML 1Page - Littelfuse V56MA2A Datasheet HTML 2Page - Littelfuse V56MA2A Datasheet HTML 3Page - Littelfuse V56MA2A Datasheet HTML 4Page - Littelfuse V56MA2A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
186
Varistor Products
©2008 Littelfuse, Inc.
Revision: January 9, 2009
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V430MA7B
V390MA6B
V330MA5B
V270MA4B
V220MA4B
V180MA3B
V150MA2B
V120MA2B
MAXIMUM CLAMPING VOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
V120MA2B - V430MA7B
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
V33MA1B
V27MA1B
V22MA1B
V100MA4B
V82MA3B
V68MA3B
V18MA1B
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2B
V56MA2B
V39MA2B
V18MA1B - V100MA4B
Maximum Clamping Voltage
10-2
10-1
100
101
102
PEAK AMPERES (A)
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
4,000
2,000
1,500
1,000
800
600
400
200
100
V430MA3A
V390MA3A
V330MA2A
V270MA2A
V220MA2A
V180MA1A
V150MA1A
V120MA1A/S
V120MA1A/S - V430MA3A
800
600
400
300
200
150
100
80
60
40
30
20
10-2
10-1
100
101
102
V100MA4A/S
V82MA3A/S
V68MA3A/S
V56MA2A/S
V39MA2A/S
V33MA1A/S
V27MA1A/S
V22MA1A/S
V18MA1A/S
PEAK AMPERES (A)
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2A/S
V18MA1A/S - V100MA4A/S
Figure 5
Figure 6
Figure 7
Figure 8


Similar Part No. - V56MA2A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V56MA2A LITTELFUSE-V56MA2A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V56MA2A LITTELFUSE-V56MA2A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V56MA2A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430MT3A LITTELFUSE-V430MT3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com