Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150LA20BP Datasheet(PDF) 8 Page - Littelfuse

Part # V150LA20BP
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150LA20BP Datasheet(HTML) 8 Page - Littelfuse

Back Button V150LA20BP Datasheet HTML 4Page - Littelfuse V150LA20BP Datasheet HTML 5Page - Littelfuse V150LA20BP Datasheet HTML 6Page - Littelfuse V150LA20BP Datasheet HTML 7Page - Littelfuse V150LA20BP Datasheet HTML 8Page - Littelfuse V150LA20BP Datasheet HTML 9Page - Littelfuse V150LA20BP Datasheet HTML 10Page - Littelfuse V150LA20BP Datasheet HTML 11Page - Littelfuse V150LA20BP Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Maximum Clamping Voltage for 20mm Parts
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B(P)
V660LA100B(P)
V1000LA160B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55
oC TO 85oC
V575LA80B(P)
V510LA80B(P)
V480LA80B(P)/
V460LA40B(P)
V680LA100B(P)
V420LA40B(P)
V385LA40B(P)
V320LA40B(P)
V300LA40A(P)
V300LA40A - V1000LA160B
Transient V-I Characteristics Curves (Continued...)
Repetitive Surge Capability for 20mm Parts
V130LA20A(P) - V320LA40B(P)
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
μs)
1
2
104
105
106
MODEL SIZE 20mm
V130LA20A(P) - V320LA40B(P)
103
INDEFINITE
1,000
102
10
5,000
1
Pulse Rating Curves (Continued...)
V385LA40B(P) - V1000LA160B(P)
10,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
μs)
1
2
104
105
106
MODEL SIZE 20mm
V385LA40B(P) - V1000LA160B(P)
103
INDEFINITE
1,000
102
10
5,000
1
NOTE: If pulse ratings are exceeded, a shift of V
N(DC) (at specified current) of more than +/-10% could result. This type of shift, which normally results in a decrease of VN(DC), may result in the
device not meeting the original published specifications, but does not prevent the device from continuing to function, and to provide ample protection.
V130LA20A(P) - V275LA40A(P)
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55
oC TO 85oC
300
V140LA20A(P)
V230LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B(P)
V250LA40B(P)
V130LA20B(P)
V150LA20B(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55
oC TO 85oC
V130LA20B(P) - V275LA40(P)
V130LA20A(P) - V275LA40A(P)
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A(P)
V250LA40A(P)
V150LA20A(P)
V130LA20A(P)
V175LA20A(P)
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55
oC TO 85oC
Figure 14
Figure 15
Figure 16
Figure 17
Figure 18
Figure 19


Similar Part No. - V150LA20BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V150LA20BP LITTELFUSE-V150LA20BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V150LA20BP LITTELFUSE-V150LA20BP Datasheet
1Mb / 13P
   LA Varistor Series
V150LA20BP LITTELFUSE-V150LA20BP Datasheet
1Mb / 13P
   LA Varistor Series
V150LA20BP LITTELFUSE-V150LA20BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V150LA20BP LITTELFUSE-V150LA20BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V150LA20BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com