Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V27MA1A Datasheet(PDF) 1 Page - Littelfuse

Part # V27MA1A
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27MA1A Datasheet(HTML) 1 Page - Littelfuse

  V27MA1A Datasheet HTML 1Page - Littelfuse V27MA1A Datasheet HTML 2Page - Littelfuse V27MA1A Datasheet HTML 3Page - Littelfuse V27MA1A Datasheet HTML 4Page - Littelfuse V27MA1A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
183
Varistor Products
Revision: January 9, 2009
©2008 Littelfuse, Inc.
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
Description
The MA Series of transient surge suppressors are axial
lead Metal Oxide Varistors (MOVs) for use in a wide
variety of board level industrial and commercial electronic
equipment. They are intended to protect components and
signal/data lines from low energy transients where the
small axial lead package is required.
The MA Series is offered with standard ('S' suffix) or
tightened ('B' suffix) clamping voltage.
See MA Series Device Ratings and Specifications Table for
part number and brand information.
Features
disc size
package
range:
V
M(AC)RMS 9V to 264V
V
M(DC)
13V to 365V
reel or bulk packaging
85ºC ambient
improved performance
for high temperature
Lead-free wave
soldering process.
Absolute Maximum Ratings
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Continuous
MA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
9 to 264
V
DC Voltage Range (V
M(DC))
13 to 365
V
Transient:
Peak Pulse Current (I
TM)
For 8/20μs Current Wave(See Figure 2)
40 to 100
A
Single-Pulse Energy Range
For 2ms Current Square Wave (W
TM)
0.06 to 1.7
J
Operating Ambient Temperature Range (T
A)
-55 to +85
°C
Storage Temperature Range (T
STG)
-55 to +125
°C
Temperature Coefficient (
αV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/°C
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
1000
V
COATING Insulation Resistance
1000
MA Varistor Series
RoHS
Agency Approvals
Agency
Agency File Number
None


Similar Part No. - V27MA1A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27MA1A LITTELFUSE-V27MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V27MA1A LITTELFUSE-V27MA1A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V27MA1A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430MT3A LITTELFUSE-V430MT3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com