Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2379IMS-18TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2379IMS-18TRPBF
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2379IMS-18TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2379IMS-18TRPBF Datasheet HTML 1Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 2Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 3Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 4Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 5Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 6Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 7Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 8Page - Linear Technology LTC2379IMS-18TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2379-18
1
237918f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18-Bit, 1.6Msps, Low Power
SAR ADC with 101.2dB SNR
The LTC®2379-18 is a low noise, low power, high speed
18-bit successive approximation register (SAR) ADC. Op-
erating from a 2.5V supply, the LTC2379-18 has a ±VREF
fullydifferentialinputrangewithVREFrangingfrom2.5Vto
5.1V.TheLTC2379-18consumesonly18mWandachieves
±2LSB INL maximum, no missing codes at 18-bits with
101.2dB SNR.
The LTC2379-18 has a high speed SPI-compatible se-
rial interface that supports 1.8V, 2.5V, 3.3V and 5V logic
while also featuring a daisychain mode. The fast 1.6Msps
throughput with no cycle latency makes the LTC2379-18
ideally suited for a wide variety of high speed applications.
Aninternaloscillatorsetstheconversiontime,easingexter-
nal timing considerations. The LTC2379-18 automatically
powers down between conversions, leading to reduced
power dissipation that scales with the sampling rate.
The LTC2379-18 features a unique digital gain compres-
sion(DGC)function,whicheliminatesthedriveramplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
32k Point FFT fS = 1.6Msps, fIN = 2kHz
APPLICATIONS
n
1.6Msps Throughput Rate
n
±2LSB INL (Max)
n
Guaranteed 18-Bit No Missing Codes
n
Low Power: 18mW at 1.6Msps, 18µW at 1.6ksps
n
101.2dB SNR (typ) at fIN = 2kHz
n
–120dB THD (typ) at fIN = 2kHz
n
Digital Gain Compression (DGC)
n
Guaranteed Operation to 125°C
n
2.5V Supply
n
Fully Differential Input Range ±VREF
n
VREF Input Range from 2.5V to 5.1V
n
No Pipeline Delay, No Cycle Latency
n
1.8V to 5V I/O Voltages
n
SPI-Compatible Serial I/O with Daisychain Mode
n
Internal Conversion Clock
n
16-pin MSOP and 4mm
× 3mm DFN Packages
n
Medical Imaging
n
High Speed Data Acquisition
n
Portable or Compact Instrumentation
n
Industrial Process Control
n
Low Power Battery-Operated Instrumentation
n
ATE
FREQUENCY (kHz)
0
100 200 300 400
800
700
600
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
237918 TA02
SNR = 101.2dB
THD = –120dB
SINAD = 101.1dB
SFDR = 121dB
20
VREF
0V
VREF
0V
20
3300pF
3300pF
3300pF
+
VREF
SAMPLE CLOCK
237918 TA01
10µF
0.1µF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47µF
(X5R, 0805 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
REF/DGC
LTC2379-18
VDD
OVDD
IN+
IN
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTC2379IMS-18TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379IMS-18TRPBF LINER-LTC2379IMS-18TRPBF Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
More results

Similar Description - LTC2379IMS-18TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com