Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6990CDCBPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6990CDCBPBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CDCBPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC6990CDCBPBF Datasheet HTML 1Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 2Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 3Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 4Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 5Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 6Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 7Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 8Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6990
3
6990f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOUT
Output Frequency
Recommended Range: RSET = 50k to 800k
Extended Range: RSET = 25k to 800k
0.488
0.488
1000
2000
kHz
kHz
ΔfOUT
Frequency Accuracy (Note 4)
Recommended Range
RSET = 50k to 800k
l
±0.8
±1.5
±2.2
%
%
Extended Range
RSET = 25k to 800k
l
±2.4
±3.2
%
%
ΔfOUT/ΔT
Frequency Drift Over Temperature
l
±0.005
%/°C
ΔfOUT/ΔV+
Frequency Drift Over Supply
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
0.23
0.06
0.55
0.16
%/V
%/V
Period Jitter (Note 10)
NDIV = 1
0.38
%P-P
NDIV = 2
0.22
0.027
%P-P
%RMS
NDIV = 128
0.022
0.004
%P-P
%RMS
Duty Cycle
NDIV = 1, RSET = 25k to 800k
NDIV > 1, RSET = 25k to 800k
l
l
47
48
50
50
53
52
%
%
BW
Frequency Modulation Bandwidth
0.4•fOUT
kHz
tS
Frequency Change Settling Time
(Note 9)
tMASTER = tOUT/NDIV
6•tMASTER
μs
Analog Inputs
VSET
Voltage at SET Pin
l
0.97
1.00
1.03
V
ΔVSET/ΔT
VSET Drift Over Temperature
l
±75
μV/°C
ΔVSET/ΔV+
VSET Drift Over Supply
–150
μV/V
ΔVSET/ΔISET VSET Droop with ISET
–7
Ω
RSET
Frequency-Setting Resistor
Recommended Range
Extended Range
l
l
50
25
800
800
VDIV
DIV Pin Voltage
l
0V+
V
ΔVDIV/V+
DIV Pin Valid Code Range (Note 5)
Deviation from Ideal VDIV/V+ = (DIVCODE + 0.5)/16
l
±1.5
%
DIV Pin Input Current
l
±10
nA
Power Supply
V+
Operating Supply Voltage Range
l
2.25
5.5
V
Power-On Reset Voltage
RSET = 25k to 800k
l
1.95
V
IS
Supply Current
RL = ∞, NDIV = 1, RSET = 50k
V+ = 5.5V
V+ = 2.25V
l
l
235
145
283
183
μA
μA
RL = ∞, NDIV = 1 RSET = 800k
V+ = 5.5V
V+ = 2.25V
l
l
71
59
105
92
μA
μA
RL = ∞, NDIV = 128, RSET = 50k
V+ = 5.5V
V+ = 2.25V
l
l
137
106
180
145
μA
μA
RL = ∞, NDIV = 128, RSET = 800k
V+ = 5.5V
V+ = 2.25V
l
l
66
56
100
90
μA
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, OE = V+, DIVCODE = 0 to 15
(NDIV = 1 to 128), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.


Similar Part No. - LTC6990CDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990CDCB-PBF LINER-LTC6990CDCB-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CDCB-TRPBF LINER-LTC6990CDCB-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com