Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2379IDE-18PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2379IDE-18PBF
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2379IDE-18PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2379IDE-18PBF Datasheet HTML 7Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 8Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 9Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 10Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 11Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 12Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 13Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 14Page - Linear Technology LTC2379IDE-18PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2379-18
11
237918f
APPLICATIONS INFORMATION
INPUT DRIVE CIRCUITS
A low impedance source can directly drive the high im-
pedance inputs of the LTC2379-18 without gain error. A
high impedance source should be buffered to minimize
settling time during acquisition and to optimize the dis-
tortion performance of the ADC. Minimizing settling time
is important even for DC inputs, because the ADC inputs
draw a current spike when entering acquisition.
For best performance, a buffer amplifier should be used
to drive the analog inputs of the LTC2379-18. The ampli-
fier provides low output impedance, which produces fast
settling of the analog signal during the acquisition phase.
It also provides isolation between the signal source and
the current spike the ADC inputs draw.
Input Filtering
The noise and distortion of the buffer amplifier and signal
sourcemustbeconsideredsincetheyaddtotheADCnoise
and distortion. Noisy input signals should be filtered prior
to the buffer amplifier input with an appropriate filter to
minimizenoise.Thesimple1-poleRClowpassfilter(LPF1)
shown in Figure 4 is sufficient for many applications.
20
3300pF
6600pF
20
500
LPF2
LPF1
BW = 800kHz
BW = 48kHz
SINGLE-ENDED-
TO-DIFFERENTIAL
DRIVER
SINGLE-ENDED-
INPUT SIGNAL
LTC2379-18
IN+
IN
237918 F04
3300pF
3300pF
High quality capacitors and resistors should be used in the
RCfilterssincethesecomponentscanadddistortion.NPO
and silver mica type dielectric capacitors have excellent
linearity. Carbon surface mount resistors can generate
distortion from self heating and from damage that may
occurduringsoldering.Metalfilmsurfacemountresistors
are much less susceptible to both problems.
Single-Ended-to-Differential Conversion
Forsingle-endedinputsignals,asingle-endedtodifferential
conversion circuit must be used to produce a differential
signal at the inputs of the LTC2379-18. The LT6350 ADC
driver is recommended for performing single-ended-to-
differential conversions. The LT6350 is flexible and may
be configured to convert single-ended signals of various
amplitudes to the ±5V differential input range of the
LTC2379-18. The LT6350 is also available in H-grade to
complement the extended temperature operation of the
LTC2379-18 up to 125°C.
Figure 5a shows the LT6350 being used to convert a 0V
to 5V single-ended input signal. In this case, the first
amplifierisconfiguredasaunitygainbufferandthesingle-
ended input signal directly drives the high-impedance
input of the amplifier. As shown in the FFT of Figure 5b,
the LT6350 drives the LTC2379-18 to near full datasheet
performance.
The LT6350 can also be used to buffer and convert large
true bipolar signals which swing below ground to the
±5V differential input range of the LTC2379-18 in order
to maximize the signal swing that can be digitized. Fig-
ure 6a shows the LT6350 being used to convert a ±10V
true bipolar signal for use by the LTC2379-18. In this
case, the first amplifier in the LT6350 is configured as
an inverting amplifier stage, which acts to attenuate and
level shift the input signal to the 0V to 5V input range of
the LTC2379-18. In the inverting amplifier configuration,
the single-ended input signal source no longer directly
drives a high impedance input of the first amplifier. The
input impedance is instead set by resistor RIN. RIN must
be chosen carefully based on the source impedance of the
signal source. Higher values of RIN tend to degrade both
the noise and distortion of the LT6350 and LTC2379-18
as a system.
Figure 4. Input Signal Chain
Another filter network consisting of LPF2 should be used
between the buffer and ADC input to both minimize the
noisecontributionofthebufferandtohelpminimizedistur-
bances reflected into the buffer from sampling transients.
Long RC time constants at the analog inputs will slow
down the settling of the analog inputs. Therefore, LPF2
requires a wider bandwidth than LPF1. A buffer amplifier
with a low noise density must be selected to minimize
degradation of the SNR.


Similar Part No. - LTC2379IDE-18PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379IDE-18PBF LINER-LTC2379IDE-18PBF Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
More results

Similar Description - LTC2379IDE-18PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com