Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2379-18 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2379-18
Description  18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2379-18 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2379-18_11 Datasheet HTML 6Page - Linear Technology LTC2379-18_11 Datasheet HTML 7Page - Linear Technology LTC2379-18_11 Datasheet HTML 8Page - Linear Technology LTC2379-18_11 Datasheet HTML 9Page - Linear Technology LTC2379-18_11 Datasheet HTML 10Page - Linear Technology LTC2379-18_11 Datasheet HTML 11Page - Linear Technology LTC2379-18_11 Datasheet HTML 12Page - Linear Technology LTC2379-18_11 Datasheet HTML 13Page - Linear Technology LTC2379-18_11 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2379-18
10
237918f
OVERVIEW
The LTC2379-18 is a low noise, low power, high speed
18-bit successive approximation register (SAR) ADC.
Operating from a single 2.5V supply, the LTC2379-18
supports a large and flexible ±VREF fully differential input
range with VREF ranging from 2.5V to 5.1V, making it ideal
for high performance applications which require a wide
dynamicrange.TheLTC2379-18achieves±2LSBINLmax,
no missing codes at 18-bits and 101.2dB SNR.
Fast 1.6Msps throughput with no cycle latency makes
the LTC2379-18 ideally suited for a wide variety of high
speed applications. An internal oscillator sets the con-
version time, easing external timing considerations. The
LTC2379-18 dissipates only 18mW at 1.6Msps, while an
auto power-down feature is provided to further reduce
power dissipation during inactive periods.
The LTC2379-18 features a unique digital gain compres-
sion(DGC)function,whicheliminatesthedriveramplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
CONVERTER OPERATION
The LTC2379-18 operates in two phases. During the ac-
quisition phase, the charge redistribution capacitor D/A
converter (CDAC) is connected to the IN+ and INpins to
sample the differential analog input voltage. A rising edge
ontheCNVpininitiatesaconversion.Duringtheconversion
phase, the 18-bit CDAC is sequenced through a succes-
sive approximation algorithm, effectively comparing the
sampled input with binary-weighted fractions of the refer-
ence voltage (e.g. VREF/2, VREF/4 … VREF/262144) using
the differential comparator. At the end of conversion, the
CDAC output approximates the sampled analog input. The
ADC control logic then prepares the 18-bit digital output
code for serial transfer.
APPLICATIONS INFORMATION
Figure 2. LTC2379-18 Transfer Function
INPUT VOLTAGE (V)
0V
–1
LSB
237918 F02
011...111
011...110
000...001
000...000
100...000
100...001
111...110
1
LSB
BIPOLAR
ZERO
111...111
FSR/2 – 1LSB
–FSR/2
FSR = +FS – –FS
1LSB = FSR/262144
TRANSFER FUNCTION
The LTC2379-18 digitizes the full-scale voltage of 2
× REF
into 218 levels, resulting in an LSB size of 38µV with
REF = 5V. The ideal transfer function is shown in Figure 2.
The output data is in 2’s complement format.
RON
40
CIN
45pF
RON
40
REF
REF
CIN
45pF
IN+
IN
BIAS
VOLTAGE
237918 F03
Figure 3. The Equivalent Circuit for the
Differential Analog Input of the LTC2379-18
ANALOG INPUT
The analog inputs of the LTC2379-18 are fully differential
in order to maximize the signal swing that can be digitized.
The analog inputs can be modeled by the equivalent circuit
shown in Figure 3. The diodes at the input provide ESD
protection. In the acquisition phase, each input sees ap-
proximately 45pF (CIN) from the sampling CDAC in series
with 40Ω (RON) from the on-resistance of the sampling
switch. Any unwanted signal that is common to both
inputs will be reduced by the common mode rejection of
the ADC. The inputs draw a current spike while charging
the CIN capacitors during acquisition. During conversion,
the analog inputs draw only a small leakage current.


Similar Part No. - LTC2379-18_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
More results

Similar Description - LTC2379-18_11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com