Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5626 Datasheet(PDF) 6 Page - Fuji Electric

Part # FA5626
Description  Fuji Switching Power Supply Control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5626 Datasheet(HTML) 6 Page - Fuji Electric

Back Button FA5626 Datasheet HTML 2Page - Fuji Electric FA5626 Datasheet HTML 3Page - Fuji Electric FA5626 Datasheet HTML 4Page - Fuji Electric FA5626 Datasheet HTML 5Page - Fuji Electric FA5626 Datasheet HTML 6Page - Fuji Electric FA5626 Datasheet HTML 7Page - Fuji Electric FA5626 Datasheet HTML 8Page - Fuji Electric FA5626 Datasheet HTML 9Page - Fuji Electric FA5626 Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AN-071E Rev.1.2
April-2011
6
Fuji Electric Co., Ltd.
FA5626
http://www.fujielectric.co.jp/products/semiconductor/
5. Functional description of pins
Pin No.
Pin Name
I/O
P in f unc ti on
1
LAT
I
External latch signal input. (Connect capacitor LAT and GND)
2
FB
I
Feedback control signal input
3
IS
I
Current Limiter Input (Negative voltage sense)
4
GND
IC Ground
5
OUT
O
Output
6
VCC
Power Supply (Connect capacitor between VCC and GND)
7
(NC)
No Connection
8
VH
I
High Voltage input, Brown-out (Series connection of diode and
resistance between VH and the bulk capacitor or the rectified AC line)
PIN CON NE CT ION
1
2
3
4
8
7
6
5
FB
VCC
IS GND
LAT
(NC)
VH
OUT


Similar Part No. - FA5626

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
More results

Similar Description - FA5626

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com