Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

FA5571 Datasheet(PDF) 2 Page - Fuji Electric

Part No. FA5571
Description  Low Standby Power Quasi-Resonant Controller
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 
   
 2 page
background image
2009-4
■ Example of power supply configuration
■ Standby power and efficiency (power supply specifications: output power - 19V, rating - 5 A)
■ Comparison between FA5571 series models and conventional models
Conventional models
FA5571 series (new models)
Item
FA5531
FA5532
FA5541
FA5542
FA55771
FA5572
FA5573
FA5574
1 Light-load operation
Frequency reduction
Intermittent operation
Intermittent operation
Frequency reduction
2 Intermittent operation
start FB voltage
0.34V
0.4V
3 Frequency reduction
start FB voltage
1.3V
1.15V
4 Overload operation
Auto recovery Timer latch Auto recovery Timer latch Auto recovery Timer latch Auto recovery Timer latch
5 Reduced current at VH
pin when VCC is shorted
8mA when VCC is shorted
(current-limiting resistor is
required
7.6mA when VCC is shorted
(current-limiting resistor is
required)
Limited VH current when VCC voltage is low
IVH
=1.6mA at VCC=0V
6 OVP detection at ZCD
pin
External latch function
Latched in 48us after pull-up
External latch function
Latched in 48us after pull-up
External latch function: Latched in 57us after pull-up
+ Latch is detected in 2.3us after turnoff
7 Additional IS pin short
protection function
N/A
N/A
2.0V
8 VCC pin UVLO level
9.85V/9.1V
10.2V/9.0V
18V/8V
9 Internal soft start
1ms (only at startup)
1ms (only at startup)
2.6ms (only at startup)
10 OVP detection at VCC
pin
28V
28V
N/A
Input AC Voltage [Vac]
Information in this catalog is subject to change without notice.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl