Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA3687V Datasheet(PDF) 9 Page - Fuji Electric

Part # FA3687V
Description  FUJI Power Supply Controllc
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3687V Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA3687V Datasheet HTML 5Page - Fuji Electric FA3687V Datasheet HTML 6Page - Fuji Electric FA3687V Datasheet HTML 7Page - Fuji Electric FA3687V Datasheet HTML 8Page - Fuji Electric FA3687V Datasheet HTML 9Page - Fuji Electric FA3687V Datasheet HTML 10Page - Fuji Electric FA3687V Datasheet HTML 11Page - Fuji Electric FA3687V Datasheet HTML 12Page - Fuji Electric FA3687V Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
                                                       
9
Quality is our message
Quality is our message
Quality is our message
Quality is our message
FA3687V
FA3687V
FA3687V
FA3687V
(6) Timer latch protection section (CP pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Threshold voltage of FB1
VTHFB1TL
※6-1
1.5
2.0
V
Threshold voltage of FB2
VTHFB2TL
※6-2
0.2
0.6
V
Threshold voltage of CS1
VTHFB3TL
※6-3
0.2
0.6
V
Threshold voltage of CS2
VVTHCS1TL
※6-4
1.5
2.0
V
Charge current of CP
ICP
VCP=0.5V,VFB1=2.1V
-2.4
-2.0
-1.5
μA
Threshold voltage of CP
VTHCPTL
1.6
2.1
V
(7) Under voltage lockout circuit section (VCC pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
ON threshold voltage of VCC
VUVLO
2.0
2.2
2.35
V
Hysteresis voltage
ΔVUVLO
0.1
V
(8) Output section (OUT1・OUT2・SEL1・SEL2 pin)
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
IOUT2=-50mA
10
20
Ω
IOUT1=-50mA,VCC=5V
9
Ω
High side on resistance
of OUT1/2
RONHI
IOUT1=-50mA,VCC=15V
8
Ω
IOUT1=50mA
5
10
Ω
IOUT2=50mA,VCC=5V
5
Ω
Low side on resistance
of OUT1/2
RONLO
IOUT2=50mA,VCC=15V
5
Ω
Rise time of OUT1/2
tRISE
CL=1000pF
25
ns
Fall time of OUT1/2
tFALL
CL=1000pF
40
ns
SEL pin voltage for driving
Nch-MOSFET
VSELN
0.0
0.2
SEL pin voltage for driving
Pch-MOSFET
VSELP
VREG-0.2
VREG
(9) Overall section
Item
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
ICCA
Ch.1, Ch.2 operating mode
2.5
3.5
mA
ICCA1
Ch.1, Ch.2 off mode
2.0
mA
ICCA2
Ch.1, Ch.2 operating mode, Vcc=18V
3.0
mA
Operating mode
supply current
ICCA3
Latch mode
2.0
mA
*6-1: The current source of the CP pin operates when the voltage of FB1 exceeds the threshold voltage as shown in the
table.
*6-2: The current source of the CP pin operates when the voltage of FB2 falls below the threshold voltage as shown in the
table.
* 6-3: The timer latch of FB1 is disabled when the CS1 voltage is below the threshold voltage as shown in the table.
* 6-4: The timer latch of FB2 is disabled when the CS2 voltage is above the threshold voltage as shown in the table.


Similar Part No. - FA3687V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
   For Switching Power Supply Control
More results

Similar Description - FA3687V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5510P FUJI-FA5510P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA3641P FUJI-FA3641P_00 Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com