Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3743IFEPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3743IFEPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743IFEPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3743IFEPBF Datasheet HTML 2Page - Linear Technology LT3743IFEPBF Datasheet HTML 3Page - Linear Technology LT3743IFEPBF Datasheet HTML 4Page - Linear Technology LT3743IFEPBF Datasheet HTML 5Page - Linear Technology LT3743IFEPBF Datasheet HTML 6Page - Linear Technology LT3743IFEPBF Datasheet HTML 7Page - Linear Technology LT3743IFEPBF Datasheet HTML 8Page - Linear Technology LT3743IFEPBF Datasheet HTML 9Page - Linear Technology LT3743IFEPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3743
6
3743fb
TYPICAL PERFORMANCE CHARACTERISTICS
VCC_INT Load Reg at 12V
Regulated Current vs VFB
Open-LED Threshold
Open-LED Timeout
Regulated Sense Voltage
Common Mode Lockout
Internal UVLO
CBOOT-SW UVLO Voltage
VCC_INT UVLO
TEMPERATURE (°C)
–50
4.0
4.5
5.0
90
3743 G10
3.5
3.0
–15
20
55
125
TEMPERATURE (°C)
–50
1.50
1.75
2.00
2.25
2.50
2.75
3.00
–15
20
55
90
3743 G11
125
TEMPERATURE (°C)
–50
2.50
2.75
3.00
3.25
3.50
3.75
4.00
–15
20
55
90
3743 G12
125
ILOAD (mA)
0
5.2
5.6
6.0
40
3743 G13
4.8
4.4
4.0
10
20
30
60
50
VFB (mV)
800
0
20
40
60
80
100
120
850
900
950
1000
3743 G14
1050
–50°C
125°C
TEMPERATURE (°C)
–50
1.3
1.4
1.5
90
3743 G15
1.2
1.1
1.0
–15
20
55
125
TEMPERATURE (°C)
–50
15
17
19
90
3743 G16
13
11
9
–15
20
55
125
VCTRL (V)
0
0
10
20
30
40
50
60
0.5
1.0
1.5
3743 G17
2.0
TEMPERATURE (°C)
–50
1.5
2.0
2.5
90
3743 G18
1.0
0.5
0
–15
20
55
125
VIN = 6V
VIN = 36V
MEASURED VIN – VOUT


Similar Part No. - LT3743IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743IFEPBF LINER-LT3743IFEPBF Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743 Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com