Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3743EFEPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3743EFEPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EFEPBF Datasheet(HTML) 1 Page - Linear Technology

  LT3743EFEPBF Datasheet HTML 1Page - Linear Technology LT3743EFEPBF Datasheet HTML 2Page - Linear Technology LT3743EFEPBF Datasheet HTML 3Page - Linear Technology LT3743EFEPBF Datasheet HTML 4Page - Linear Technology LT3743EFEPBF Datasheet HTML 5Page - Linear Technology LT3743EFEPBF Datasheet HTML 6Page - Linear Technology LT3743EFEPBF Datasheet HTML 7Page - Linear Technology LT3743EFEPBF Datasheet HTML 8Page - Linear Technology LT3743EFEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3743
1
3743fb
TYPICAL APPLICATION
DESCRIPTION
High Current Synchronous
Step-Down LED Driver with
Three-State Control
The LT®3743 is a fixed frequency synchronous step-down
DC/DC controller designed to drive high current LEDs. The
average current mode controller will maintain inductor
current regulation over a wide output voltage range of 0V
to (VIN – 2V). LED dimming is achieved through analog
dimming on the CTRL_L, CTRL_H and CTRL_T pins and
with PWM dimming on the PWM and CTRL_SEL pins.
Through the use of externally switched load capacitors,
the LT3743 is capable of changing regulated LED current
levels within several μs, providing accurate, high speed
PWM dimming between two current levels. The switching
frequency is programmable from 200kHz to 1MHz through
an external resistor on the RT pin.
Additional features include voltage regulation and
overvoltage protection set with a voltage divider from the
output to the FB pin. Overcurrent protection is provided
and set by the CTRL_H pin.
92% Efficient 20A LED Driver
FEATURES
APPLICATIONS
n PWM Dimming Provides Up to 3000:1 Dimming Ratio
n CTRL_SEL Dimming Provides Up to 3000:1 Dimming
Ratio Between Any Current
n Three-State Current Control for Color Mixing
n ±6% Current Regulation Accuracy
n 6V to 36V Input Voltage Range
n Average Current Mode Control
n 2μs Maximum Recovery Time Between Any Current
Regulation State
n <1μA Shutdown Current
n Output Voltage Regulation and Open-LED Protection
n Thermally Enhanced 4mm × 5mm QFN and
28-Pin FE Package
n DLP Projectors
n High Power Architectural Lighting
n Laser Diodes
EN/UVLO
PWM
CTRL_SEL
EN/UVLO
PWM
CTRL_SEL
HG
VIN
CBOOT
VREF
CTRL_L
CTRL_H
CTRL_T
LT3743
RT
SYNC
SW
LG
GND
VCH
VCL
SENSE+
SENSE
PWMGH
PWMGL
VCC_INT
220nF
1.1μH
22μF
330μF
3
2.5mΩ
FB
10nF
34k
8.2nF
34k
8.2nF
82.5k
100k
100k
330μF
3
51.1k
3743 TA01a
10.0k
4.7μF
330μF
3
2.2nF
RNTC
10k
4.7μF
4
VIN
10V TO 30V
OUTPUT
20A MAXIMUM
1μF
M1
M2
SS
RHOT
499Ω
M3
M4
M1, M2: SiR462DP
M3, M4: Si7234DP
CTRL_SEL
5V/DIV
PWM
5V/DIV
SW
20V/DIV
ILED
10A/DIV
20μs/DIV
3743 TA01b
VIN = 24V
0A TO 2A TO 20A LED CURRENT STEP
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and True
Color PWM is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 7199560, 7321203 and
others pending.


Similar Part No. - LT3743EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743EFEPBF LINER-LT3743EFEPBF Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743 Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com