Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3743EUFDPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3743EUFDPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EUFDPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3743EUFDPBF Datasheet HTML 5Page - Linear Technology LT3743EUFDPBF Datasheet HTML 6Page - Linear Technology LT3743EUFDPBF Datasheet HTML 7Page - Linear Technology LT3743EUFDPBF Datasheet HTML 8Page - Linear Technology LT3743EUFDPBF Datasheet HTML 9Page - Linear Technology LT3743EUFDPBF Datasheet HTML 10Page - Linear Technology LT3743EUFDPBF Datasheet HTML 11Page - Linear Technology LT3743EUFDPBF Datasheet HTML 12Page - Linear Technology LT3743EUFDPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3743
9
3743fb
PIN FUNCTIONS (QFN/TSSOP)
GND (Pins 1, 5, 9, 20, 21, Exposed Pad Pin 29/Pins 2, 7,
11, 22, 27, Exposed Pad Pin 29): Ground. The exposed
pad must be soldered to the PCB.
EN/UVLO (Pin 2/Pin 4): Enable Pin. The EN/UVLO pin
acts as an enable pin and turns on the internal current
bias core and subregulators at 1.55V. The pin does
not have any pull-up or pull-down, requiring a voltage
bias for normal part operation. Full shutdown occurs at
approximately 0.5V.
VREF (Pin 3/Pin 5): Buffered 2V Reference Capable of
0.5mA Drive.
CTRL_T (Pin 4/Pin 6): The thermal control input to reduce
the regulated current level for both current levels (CTRL_L
and CTRL_H).
CTRL_H (Pin 6/Pin 8): The CTRL_H pin sets the high level
regulated output current and overcurrent. The maximum
input voltage is internally clamped to 1.5V. The overcurrent
set point is equal to the high level regulated current level
set by the CTRL_H pin with an additional 23mV offset
between the SENSE+ and SENSEpins.
CTRL_L (Pin 7/Pin 9): The CTRL_L pin sets the low level
regulated output current. It is not recommended that the
CTRL_L voltage be higher than the CTRL_H voltage.
SS (Pin 8/Pin 10): Soft-Start Pin. Place an external capaci-
tor to ground to limit the regulated current during start-up
conditions. The SS pin has a 5.5μA charging current. This
pin controls both of the regulated inputs determined by
CTRL_L and CTRL_H.
FB (Pin 10/Pin 12): Feedback Pin for Overvoltage Protec-
tion. The feedback voltage is 1V. Overvoltage/Open LED
is sensed through the FB pin. When the feedback voltage
exceeds 1.3V, the overvoltage lockout prevents switching
and connects both output capacitors to discharge the
inductor current.
SENSE+ (Pin 11/Pin 13):
SENSE+ is the inverting input of
the average current mode loop error amplifier. This pin is
connected to the external current sense resistor, RS. The
voltage drop between SENSE+ and SENSEreferenced to
the voltage drop across an internal resistor produces the
input voltages to the current regulation loop.
SENSE(Pin 12/Pin 14):
SENSEis the noninverting input
of the average current mode loop error amplifier. The refer-
ence current, based on CTRL_L or CTRL_H flows out of the
pin to the output (LED) side of the sense resistor, RS.
VCL (Pin 13/Pin 15): VCL provides the necessary compen-
sation for the average current loop stability during low level
current regulation. Typical compensation values are 15k to
80k for the resistor and 2nF to 10nF for the capacitor.
VCH (Pin 14/Pin 16): VCH provides the necessary com-
pensation for the average current loop stability during
high level current regulation. Typical compensation values
are 15k to 80k for the resistor and 2nF to 10nF for the
capacitor.
RT (Pin 15/Pin 17): A resistor to ground sets the switching
frequency between 200kHz and 1MHz. When using the
SYNC function, set the frequency to be 20% lower than
the SYNC pulse frequency. This pin is current limited to
60μA. Do not leave this pin open.
SYNC (Pin 16/Pin 18): Frequency Synchronization Pin.
This pin allows the switching frequency to be synchronized
to an external clock. The RT resistor should be chosen to
operate the internal clock at 20% slower than the SYNC
pulse frequency. The synchronization range is 240kHz to
1.2MHz. This pin should be grounded when not in use.
CTRL_SEL (Pin 17/Pin 19): The CTRL_SEL pin selects
between the high current control, CTRL_H and the low
current control, CTRL_L. When high, the VCH pin is
connected to the error amp output and the PWMGH gate
signal is high. When low, the VCL pin is connected to the
error amp output and the PWMGL gate signal is high. This
pin is used for current level dimming of the LED. This pin
should be grounded when not in use.
PWM (Pin 18/Pin 20): The input pin for PWM dimming
of the LED. When low, all switching is terminated and the
output caps are disconnected. This pin should be pulled
to VCC_INT when not in use.
PWMGH (Pin 19/Pin 21): The PWMGH output pin drives
the gate of an external FET to connect one of the switching
regulator output capacitors to the load. The driver pull-up
impedance is 3.2Ω and pull-down impedance is 1.75Ω.


Similar Part No. - LT3743EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743EUFDPBF LINER-LT3743EUFDPBF Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743 Datasheet
354Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com