Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF57-6P-1.2V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF57-6P-1.2V
Description  Substrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF57-6P-1.2V Datasheet(HTML) 2 Page - Hirose Electric

  DF57-6P-1.2V Datasheet HTML 1Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 2Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 3Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 4Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 5Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 6Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 7Page - Hirose Electric DF57-6P-1.2V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DF57 SeriesSubstrate Twin (Pair) Cable Swing-Lock Connector for Low-Profile Power Source
Specifications
Rating
Current rating
2pos.
3pos.
AWG28
2.5A
2.0A
AWG30
1.5A
1.5A
Operating temperature range -35ç to 85ç (Note 1)
Operating humidity range 20% to 80%
Voltage rating
50V AC/DC
Storage temperature range -10ç to 60ç (Note 2)
Storage humidity range 40% to 70% (Note 2)
Item
Specification
Conditions
1.Insulation
resistance
1,000 Mø min.
100 V DC
2.Withstanding voltage
No flashover or insulation breakdown
500 V AC / 1 minute
3.Contact resistance
10 mø max.
20 mV max., at 1 mA.
4.Vibration
No electrical discontinuity of 1 μs or longer No
damage, cracks or parts dislocation.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
10 cycles, 3 direction
5.Shock
No electrical discontinuity of 1 μs or longer No
damage, cracks or parts dislocation.
Acceleration of 490 m/s2, 11 ms duration, sine half-wave, 3
cycles in each of the 3 axis
6.Humidity
Contact resistance: 20 mø max., No damage,
Insertion resistance:500Mø min.
cracks or parts dislocation.
96 hours at of 40 ±2ç, and humidity of 90 to 95%
7.Temperature cycle
Contact resistance: 20 mø max.,
Insulation resistance: 500 Mø min.
No damage, cracks or parts dislocation.
-55°C → 5 to 35°C → 85°C → 5 to 35°C
Times: 30 min. → 3 min. → 2 min. to 3 min. → 30 min. →
2 min. to 3 min. 5 cycles
8.Durability
Contact resistance: 20 mø max.,
No damage, cracks or parts dislocation.
30 cycles
9.Resistance to
soldering heat
No deformation of components affecting performance
Reflow: At the recommended temperature profile Manual
soldering: 350°C for 3 seconds
Note 1. Includes temperature rise caused by current flow.
Note 2. The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or
during transportation.
Note 3. Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications
for a specific part number shown.
Material
Product
Part
Material
Finish
Remarks
Header
Insulator
LCP
Color:Black
UL94V-0
Contacts
Brass
Tin Plated
---------
Crimp socket
Insulator
PBT
Color:White
UL94V-0
Crimp contacts
Contacts
Phosphor bronze
Tin Plated
---------
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DF57-6P-1.2V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF57-2628SCF(41) HIROSE-DF57-2628SCF(41) Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57-2830SCF HIROSE-DF57-2830SCF Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF57-3234SCF HIROSE-DF57-3234SCF Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
More results

Similar Description - DF57-6P-1.2V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
   Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
   Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
logo
Fairchild Semiconductor
FSA2367 FAIRCHILD-FSA2367 Datasheet
102Kb / 2P
   Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
FSA2380 FAIRCHILD-FSA2380 Datasheet
117Kb / 2P
   Low RON (0.75ohm) 3:1 Negative Swing Audio Source Switch
logo
ON Semiconductor
FSA2367 ONSEMI-FSA2367 Datasheet
754Kb / 15P
   Triple-SPDT, Negative-Swing Audio Source Switch
August 2009 Rev. 1.0.2
FSA2380 ONSEMI-FSA2380 Datasheet
396Kb / 13P
   3:1 Negative Swing Audio Source Switch
January 2015 Rev. 1.12
logo
Fairchild Semiconductor
FSA2380 FAIRCHILD-FSA2380_08 Datasheet
454Kb / 2P
   Low RON (0.75廓) 3:1 Negative Swing Audio Source Switch
FSA2367 FAIRCHILD-FSA2367_09 Datasheet
648Kb / 13P
   Low RON (0.75廓) Triple-SPDT, Negative-Swing Audio Source Switch
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
FCI connector
10078794-101LF FCI-CONNECTOR-10078794-101LF Datasheet
298Kb / 4P
   24 Pair Cable Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com