Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3499 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3499
Description  Type 2N3499 Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3499 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3499 Datasheet HTML 1Page - Semicoa Semiconductor 2N3499 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3499
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Base Cutoff Current
VCB = 50 V
Emitter-Base Cutoff Current
VEB = 4 V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
100
---
V
V(BR)CEO
100
---
V
V
V(BR)EBO
6.0
---
ICBO
---
50
nA
IEBO
---
25
nA
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 100 µA, VCE = 10 V (pulsed)
hFE1
35
---
---
IC = 1.0 mA, VCE = 10 V (pulsed)
hFE2
50
---
---
IC = 10 mA, VCE = 10 V (pulsed)
hFE3
75
---
---
IC = 150 mA, VCE = 10 V (pulsed)
hFE4
100
300
---
IC = 300 mA, VCE = 10 V (pulsed)
hFE6
20
---
---
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VBE(sat)1
---
0.8
V dc
IC = 300 mA, IB = 300 mA
VBE(sat)3
---
1.4
V dc
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VCE(sat)1
---
0.2
V dc
IC = 300 mA, IB = 30 mA
VCE(sat)3
---
0.6
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 10 mA, VCE = 10 V, f = 1 kHz
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 20 V, IC = 20 mA, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
Noise Figure
V
CE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
Noise Figure
V
CE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
pF
CIBO
---
80
pF
COBO
---
10
|hFE|
1.5
8.0
---
NF
---
16
dB
NF
---
6.0
dB
AC hFE
75
375
---
Switching Characteristics
Symbol
Min
Max
Unit
Saturated Turn On Switching time to 90%
IC = 150 mA, IB1 = 15 mA, VEB = 2 V
Saturated Turn Off Switching time to 10%
IC = 150 mA, IB2 = -IB1 = 15 mA
tON
---
115
ns
1150
ns
tOFF
---


Similar Part No. - 2N3499

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3499 SEMICOA-2N3499 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3499 MICROSEMI-2N3499 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3499 CENTRAL-2N3499 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3499 SEMICOA-2N3499 Datasheet
110Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3499 MICROSEMI-2N3499 Datasheet
111Kb / 3P
   RADIATION HARDENED
More results

Similar Description - 2N3499

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
2N3498 SEMICOA-2N3498 Datasheet
47Kb / 2P
   Type 2N3498 Geometry 5620 Polarity NPN
2N3500L SEMICOA-2N3500L Datasheet
45Kb / 2P
   Type 2N3500L Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
2C3501 SEMICOA-2C3501 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com