Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR35VW120-50 Datasheet(PDF) 5 Page - Fuji Electric

Part # 7MBR35VW120-50
Description  IGBT MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR35VW120-50 Datasheet(HTML) 5 Page - Fuji Electric

  7MBR35VW120-50 Datasheet HTML 1Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 2Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 3Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 4Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 5Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 6Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 7Page - Fuji Electric 7MBR35VW120-50 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
55
IGBT Modules
7MBR35VW120-50
[ Inverter ]
Vcc=600V, VGE=±15V, Rg=27Ω
Reverse recovery characteristics (typ.)
Forward current : IF [A]
chip
Forward on voltage : VF [V]
Transient thermal resistance (max.)
Temperature [°C ]
[ Inverter ]
Forward current vs. forward on voltage (typ.)
chip
Forward on voltage : VFM [V]
[ Converter ]
Forward current vs. forward on voltage (typ.)
Pulse width : Pw [sec]
[ Thermistor ]
Temperature characteristic (typ.)
0
10
20
30
40
50
60
70
0
1
2
3
4
5
Tj=125°C
Tj=25°C
1
10
100
1000
0
25
50
75
100
trr(150°C)
0
10
20
30
40
50
60
70
0
1
2
3
4
Tj=125°
C
Tj=25°C
0.01
0.10
1.00
10.00
0.001
0.010
0.100
1.000
FWD[Inverter]
IGBT[Brake]
Conv. Diode
IGBT[Inverter]
0.1
1
10
100
-60 -40 -20
0
20
40
60
80 100 120 140 160 180
Tj=150°C
trr(125°C)
Irr(150°C)
Irr(125°C)


Similar Part No. - 7MBR35VW120-50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
7MBR35VKD120-50 ISC-7MBR35VKD120-50 Datasheet
506Kb / 7P
   IGBT MODULE
logo
Fuji Electric
7MBR35VM120-50 FUJI-7MBR35VM120-50 Datasheet
781Kb / 8P
   IGBT MODULE
7MBR35VP120-50 FUJI-7MBR35VP120-50 Datasheet
788Kb / 8P
   IGBT MODULE
More results

Similar Description - 7MBR35VW120-50

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com