Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFSD1-S24-S5-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VFSD1-S24-S5-SIP
Description  Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFSD1-S24-S5-SIP Datasheet(HTML) 2 Page - CUI INC

  VFSD1-S24-S5-SIP Datasheet HTML 1Page - CUI INC VFSD1-S24-S5-SIP Datasheet HTML 2Page - CUI INC VFSD1-S24-S5-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VFSD1-SIP Series Dc-Dc Converter
Rev. 12-2010
2/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General Specifications
Short circuit protection
<1 second
Temperature rise at full load
25°C Max, 15°C Typ.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-55°C to +125°C
Soldering temperature
300°C (1.5mm from case for 10 sec.)
Storage humidity range
<95%
Case material
Plastic (UL94-V0)
Safety
approved to UL60950 (E222736)
MTBF
>1,000,000 hrs.
Burn-in
Full load at +85°C, for 4 hours at no-load and 4 hours at full load.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 min.
3000
Vdc
Insulation Resistance
Test at 500 Vdc
1000
M
Ω
Typical Characteristics
Bottom View
Side View
19.60
10.00
4.10
1.25
2.00
15.24
6.00
12
5
7
2.54
2.54
12
5 7
1
2
5
7
+Vin
-Vin
-Vout
+Vout
Pin Function
Layout
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm; all dimensions in mm.
Outline Dimensions &
Recommended Layout Pattern
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VFSD1-S24-S5-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFSD1-S24-S5-SIP CUI-VFSD1-S24-S5-SIP Datasheet
316Kb / 3P
   Dc-Dc Converter
VFSD1-S24-S5-SIP CUI-VFSD1-S24-S5-SIP Datasheet
245Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VFSD1-S24-S5-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com