Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H48SA28016NYH Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # H48SA28016NYH
Description  Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA28016NYH Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button H48SA28016NYH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 9Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 10Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 11Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 12Page - Delta Electronics, Inc. H48SA28016NYH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
H48SA28016_05202009
10
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 18:
Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
Rtrim down=
100
Δ
2
⎛⎜
⎞⎟
ΚΩ
Ex. When Trim-down 40% (28.0V×0.6=16.8V)
Vo
28.0
:=
V
Δ
40
:=
100
Δ
2
0.5
=
K
Ω
Figure 19:
Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
Rtrim up= Vo 100 Δ
+
(
)
1.225
Δ
100
2
Δ
+
Δ
ΚΩ
Ex. When Trim-up +10%(28.0V×1.1=30.8V)
Vo
28.0
:=
V
Δ
10
:=
Vo
100
Δ
+
()
1.225
Δ
100
2
Δ
+
Δ
239.429
=
K
Ω
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - H48SA28016NYH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
569Kb / 13P
   Standard footprint
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
569Kb / 13P
   Fixed frequency operation
More results

Similar Description - H48SA28016NYH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA28016NY DELTA-H48SA28016NY_14 Datasheet
382Kb / 14P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com