Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHB75W-Q48-S48 Datasheet(PDF) 1 Page - CUI INC

Part # VHB75W-Q48-S48
Description  half-brick dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75W-Q48-S48 Datasheet(HTML) 1 Page - CUI INC

  VHB75W-Q48-S48 Datasheet HTML 1Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 2Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 3Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 4Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 5Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 6Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 7Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 8Page - CUI INC VHB75W-Q48-S48 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
rev.
page
date
page
date
DESCRIPTION: half-brick dc-dc converter
1 of 10
04/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB75W
features
·37.5-75W isolated output
·Efficiency to 85%
·300 kHz switching frequency
·regulated output
·continuous short circuit
protection
·industry standard half-brick size
·remote on/off
·over-temperature protection
·over-current protection
description
The VHB75W series of DC-DC converters
are designed for high reliability
applications, featuring over-temperature
protection, over-current protection. The
wide 4:1 input range (9-36V or 18-75V) is
very useful to stabilize an input source
like batteries in various discharging and
charging conditions. Additionally, high
efficiency, fast response, tight
regulations, remote sense and remote
On/Off control make these converters
very useful in many applications.
MODEL
input voltage
output
output
input current
efficiency
nominal
range
voltage
current 1
no load2
full load2
typ.3
(V dc)
(V dc)
(V dc)
(A)
(mA)
(mA)
(%)
VHB75W-Q24-S3R3
24
9.0~36.0
3.3
15
50
2611
79
VHB75W-Q24-S5
24
9.0~36.0
5
15
50
3811
82
VHB75W-Q24-S12
24
9.0~36.0
12
6.25
50
3765
83
VHB75W-Q24-S15
24
9.0~36.0
15
5
50
3720
84
VHB75W-Q24-S24
24
9.0~36.0
24
3.12
50
3720
84
VHB75W-Q24-S48
24
9.0~36.0
48
1.56
50
3811
82
VHB75W-Q48-S3R3
48
18.0~75.0
3.3
15
50
1320
80
VHB75W-Q48-S5
48
18.0~75.0
5
15
50
1905
83
VHB75W-Q48-S12
48
18.0~75.0
12
6.25
50
1860
84
VHB75W-Q48-S15
48
18.0~75.0
15
5
50
1860
85
VHB75W-Q48-S24
48
18.0~75.0
24
3.12
50
1860
85
VHB75W-Q48-S48
48
18.0~75.0
48
1.56
50
1860
84
notes:
1. see output derating (page 4)
2. input currents are measured at nominal input voltage
3. efficiency is measured at nominal line, full load
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
9
24
36
V dc
18
48
75
V dc
under voltage lockout
24 Vin power up
8.8
V dc
24 Vin power down
8
V dc
48 Vin power up
17
V dc
48 Vin power down
16
V dc
remote on/off control4
section 15 in the application notes
input filter
PI type
notes:
4. add suffix “N” to the model number for negative logic on/off control


Similar Part No. - VHB75W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB75W-Q48-S48 CUI-VHB75W-Q48-S48 Datasheet
195Kb / 4P
   DC-DC CONVERTER
04/01/2013
More results

Similar Description - VHB75W-Q48-S48

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com