Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHB150W-Q48-S15 Datasheet(PDF) 6 Page - CUI INC

Part # VHB150W-Q48-S15
Description  half-brick dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB150W-Q48-S15 Datasheet(HTML) 6 Page - CUI INC

  VHB150W-Q48-S15 Datasheet HTML 1Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 2Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 3Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 4Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 5Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 6Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 7Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 8Page - CUI INC VHB150W-Q48-S15 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7. OUTPUT TRIMMING
(OPTIONAL)
The output voltages are preset to nominal values as indicated by the models table at the factory. If desired, the output voltage may
optionally be trimmed to a different value (+/- 10%) with external resistors and/or potentiometer as shown below.
To trim the output voltage with fixed resistors, the output voltage can be calculated as follows.
Trim-Up
Trim-Down
FIGURE 4: TRIM-UP VOLTAGE SETUP
FIGURE 5: TRIM-DOWN VOLTAGE SETUP
The value of R
trim-up is defined as:
The value of R
trim-down is defined as:
Where: R
trim-up is the external resistor in KΩ. Vo,nom is
Where: R
trim-down is the external resistor in KΩ. Vo,nom is
the nominal output voltage. Vo is the desired output voltage.
the nominal output voltage. Vo is the desired output voltage.
R1 and R2 are internal to the unit and are defined in Table 1.
R1 and R2 are internal to the unit and are defined in Table 2.
For example, to trim-up the output voltage of 5.0V module
For example, to trim-down the output voltage of 5.0V module
(VHB150W-Q48-S5) by 8% to 5.4V, R
trim-up is calculated
(VHB150W-Q48-S5) by 8% to 4.6V, R
trim-down is calculated
as follows:
as follows:
page
date
DESCRIPTION: half-brick dc-dc converter
6 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB150W
R load
10K
Ω
Trimpot
+Vin
-Vin
-Vo
-S
Trim
+S
+Vo
Vo –Vo,nom)
(
Vo –Vo,nom
)
(k Ω
×
=
1
))
(
(R
2
R
Vo
Vo,nom
)
(
Vo
Vo,nom
)
(k Ω
×
=
1
))
(
(R
2
R
Output
Voltage(V)
R1
(Kohm)
R2
(Kohm)
3.3V
3.168
7.2
5V
5.8
3.3
12V
18.945
4.636
15V
25.189
7.191
24V
41.442
6.977
Table 1
R load
R trim-up
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
R load
R trim-down
+Vin
-Vin
+Vo
+S
Trim
-S
-Vo
5
5.4
)
(
5
5.4
9.18kΩ
×
=
))
(
(5.8 3.3
Vo – Vo,nom = 5.4 – 5.0 = 0.4V
= 5.8 kΩ
= 3.3 kΩ
2
R
1
R
=
Vo,nom – Vo = 5.0 – 4.6 = 0.4V
= 5.8 kΩ
= 5.32 kΩ
2
R
1
R
4.6
5
)
(
4.6
5
11.2kΩ
×
=
=
))
(
(5.8 5.32
FIGURE 3. TRIMMING WITH
EXTERNAL POTENTIOMETER
Output
Voltage(V)
R1
(Kohm)
R2
(Kohm)
3.3V
6.18
15
5V
5.8
5.62
12V
86.45
60.1
15V
150
68
24V
430
120
Table 2
Vo –Vo,nom)
(
Vo –Vo,nom
)
(k Ω
×
=
1
))
(
(R
2
R
Vo
Vo,nom
)
(
Vo
Vo,nom
)
(k Ω
×
=
1
))
(
(R
2
R


Similar Part No. - VHB150W-Q48-S15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB150W-Q48-S15 CUI-VHB150W-Q48-S15 Datasheet
285Kb / 4P
   DC-DC CONVERTER
03/13/2013
More results

Similar Description - VHB150W-Q48-S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com