Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHB75W-Q24-S48 Datasheet(PDF) 2 Page - CUI INC

Part # VHB75W-Q24-S48
Description  half-brick dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75W-Q24-S48 Datasheet(HTML) 2 Page - CUI INC

  VHB75W-Q24-S48 Datasheet HTML 1Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 2Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 3Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 4Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 5Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 6Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 7Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 8Page - CUI INC VHB75W-Q24-S48 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
page
date
DESCRIPTION: half-brick dc-dc converter
2 of 10
04/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHB75W
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage accuracy
±1
%
transient response
25% step load change
<500
μ sec
external trim adj. range
±10
%
ripple & noise (20MHz BW)
3.3V, 5V
40
mV RMS
100
mV p-p
12V& 15V
60
mV RMS
150
mV p-p
24V
100
mV RMS
240
mV p-p
48V
200
mV RMS
480
mV p-p
temperature coefficient
±0.03
%/°C
short circuit protection
continuous
line regulation5
±0.2
%
load regulation6
±0.2
%
over voltage protection trip range, % Vo nom.
115
140
%
over current protection
% nominal output current
110
160
%
GENERAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
switching frequency
300
KHz
operating ambient temp.7
-40
100
°C
storage temperature
-55
105
°C
thermal shutdown case temp.
100
°C
case material
aluminum
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
input/output
1500
V dc
input/case
1500
V dc
output/case
1500
V dc
isolation resistance
100
M
Ω
notes:
5.
measured from high line to low line at full load
6.
measured from full load to zero load at nominal input
7.
see output derating curve (page 4)
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.


Similar Part No. - VHB75W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB75W-Q24-S48 CUI-VHB75W-Q24-S48 Datasheet
195Kb / 4P
   DC-DC CONVERTER
04/01/2013
More results

Similar Description - VHB75W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com