Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBSD1-S5-S15-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VBSD1-S5-S15-DIP
Description  dc-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD1-S5-S15-DIP Datasheet(HTML) 3 Page - CUI INC

  VBSD1-S5-S15-DIP Datasheet HTML 1Page - CUI INC VBSD1-S5-S15-DIP Datasheet HTML 2Page - CUI INC VBSD1-S5-S15-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
3 of 3
09/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VBSD1-DIP series
APPLICATION NOTES:
- Requirement on output load
To ensure this module can operate efficiently and reliably,
the minimum output load should not be less than 10% of the
full load. Also, this product should never be operated under
no load conditions. If the actual output power is too small,
please connect a resistor with proper resistance at the output
end in parallel to increase the load.
- Overload protection
Under normal operating conditions, the output circuit of these
products has no protection against overload. The simplest
method is to connect a self-recovery fuse in series at the
input end or to add a circuit breaker to the circuit.
- Recommended circuit
If you want to further decrease the input/output ripple, an “LC”
filtering network may be connected to the input and output
ends of the dc-dc converter, see (Figure 1).
To ensure this module can operate efficiently and reliably, a
minimum load is specified for this kind of dc-dc converter in
addition to a maximum load (namely full load). During
operation, make sure the specified range of input voltage is
not exceeded, the minimum output load is not less than 10%
of the full load, and that this product should never be operated
under no load. If the actual output power is very small, please
connect a resistor with proper resistance at the output end in
parallel to increase the load, or use our company’s products
with a lower rated output power.
It is not recommended to connect any external capacitor in the
application field with less than a 0.5 watt output.
Vin
External
capacitor
Vout
External
capacitor
3.3/5VDC
4.7uF
3.3VDC
10uF
12VDC
2.2uF
5VDC
10uF
24VDC
1uF
9VDC
4.7uF
---
---
12VDC
2.2uF
--
--
15VDC
1uF
EXTERNAL CAPACITOR TABLE
L
+Vin
-Vin
+Vout
-Vout
DC
Cin
L
DC
Cout
- Output voltage regulation and over-voltage protection circuit
The simplest device for output voltage regulation, over-voltage
and over-current protection is a linear voltage regulator with
overheat protection that is connected to the input or output
end in series (Figure 2).
Vin
GND
Vin
GND
REG
+Vout
0V
0V
+Vout
DC DC
DC DC
REG
FIGURE 1
FIGURE 2
Ambient Temperature C
(
)
TYPICAL CHARACTERISTICS


Similar Part No. - VBSD1-S5-S15-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBSD1-S5-S15-DIP CUI-VBSD1-S5-S15-DIP Datasheet
218Kb / 3P
   dc-dc converter
More results

Similar Description - VBSD1-S5-S15-DIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com