Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CATTEN-02R0 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CATTEN-02R0
Description  3dB Attenuator SMA 50 Ohm DC to 3GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-02R0 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CATTEN-02R0 Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-02R0 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CATTEN-03R0
3dB Attenuator
SMA 50 Ohm
DC to 3GHz
Rev.: C
Date: 08-27-08
Actual Size
Temperature Range:
-40°C to +85°C
Rated Power:
1 Watt Max
Freq Range.
DC - 3GHz
VSWR:
1:1.3 Max
Impedance:
50 Ohms
Attenuation Tolerance: ±0.4 dB Typical
The Attenuator offers end users a rugged SMA attenuator housing for easy connection.
The CATTEN-03R0 provides 1 Watt of power dissipation. Tolerance matching is used to
provide superior temperature tracking to individual components. Attenuator frequency
range is from DC to 3GHz.


Similar Part No. - CATTEN-02R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CATTEN-02R0 ETC2-CATTEN-02R0 Datasheet
319Kb / 2P
   8dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
329Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
logo
List of Unclassifed Man...
CATTEN-02R0 ETC2-CATTEN-02R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
344Kb / 2P
   15dB Attenuator SMA 50 Ohm DC to 3GHz
More results

Similar Description - CATTEN-02R0

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-03R0 CRYSTEKMICROWAVE-CATTEN-03R0 Datasheet
319Kb / 2P
   3dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0100 CRYSTEKMICROWAVE-CATTEN-0100 Datasheet
319Kb / 2P
   10dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5_08 Datasheet
329Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-09R0 CRYSTEKMICROWAVE-CATTEN-09R0_08 Datasheet
329Kb / 2P
   9dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-0150 CRYSTEKMICROWAVE-CATTEN-0150_08 Datasheet
380Kb / 2P
   15dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R5 CRYSTEKMICROWAVE-CATTEN-01R5 Datasheet
319Kb / 2P
   1.5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
319Kb / 2P
   2dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-05R0 CRYSTEKMICROWAVE-CATTEN-05R0 Datasheet
319Kb / 2P
   5dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-01R0 CRYSTEKMICROWAVE-CATTEN-01R0 Datasheet
319Kb / 2P
   1dB Attenuator SMA 50 Ohm DC to 3GHz
CATTEN-06R0 CRYSTEKMICROWAVE-CATTEN-06R0 Datasheet
319Kb / 2P
   6dB Attenuator SMA 50 Ohm DC to 3GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com