Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLBAWT-A1-0000-000W51 Datasheet(PDF) 7 Page - Cree, Inc

Part # MLBAWT-A1-0000-000W51
Description  XLamp ML-B LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLBAWT-A1-0000-000W51 Datasheet(HTML) 7 Page - Cree, Inc

  MLBAWT-A1-0000-000W51 Datasheet HTML 1Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 2Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 3Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 4Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 5Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 6Page - Cree, Inc MLBAWT-A1-0000-000W51 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo
and XLamp are registered trademarks of Cree, Inc.
7
CLD-DS39 Preliminary
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Preliminary
December 3, 2010
Mechanical Dimensions (T
A = 25°C)
All measurements are ±.13 mm unless otherwise indicated.
Recommended FR4 Solder Pad
MX3535 Pad Layout
Top View
Bottom View
Side View
Top View
Recommended MCPCB Solder Pad
Alternative Solder Pad


Similar Part No. - MLBAWT-A1-0000-000W51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51 Datasheet
1,022Kb / 11P
   XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51_13 Datasheet
1,022Kb / 11P
   XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
More results

Similar Description - MLBAWT-A1-0000-000W51

ManufacturerPart #DatasheetDescription
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51_13 Datasheet
1,022Kb / 11P
   XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
ML-B CREE-ML-B Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com