Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UQCR2A100CAJME Datasheet(PDF) 1 Page - AVX Corporation

Part # UQCR2A100CAJME
Description  Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UQCR2A100CAJME Datasheet(HTML) 1 Page - AVX Corporation

  UQCR2A100CAJME Datasheet HTML 1Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 2Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 3Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 4Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 5Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 6Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 7Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 8Page - AVX Corporation UQCR2A100CAJME Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
93
6
UQ
AVX Style
CB
Case Size
CA = 0605
CB = 1210
CR = 0709
CL = 0402
CS = 0603
CF = 0805
See mechanical
dimensions below
7
Voltage
Code
5 = 50V
1 = 100V
E = 150V
2 = 200V
V = 250V
9 = 300V
7 = 500V
A
100
J
A
Failure Rate
Code
A = Not
Applicable
TME
Microwave MLC’s
UQ Series High Q Ultra Low ESR MLC
FEATURES:
• Ultra Low ESR
• High Q
• High Self Resonance
• Capacitance Range 0.1 pF to 1000 pF
APPLICATIONS:
• RF Power Amplifiers
• Low Noise Amplifiers
• Filter Networks
• MRI Systems
HOW TO ORDER
Temperature
Coefficient Code
A = 0±30ppm/°C
Termination Style
Code
J = Nickel Barrier
Sn/Pb (60/40)
**T = 100% Tin
C = Non-Magnetic
Barrier/Tin
**RoHS Compliant
Capacitance
Tolerance Code
B = ±.1 pF
C = ±.25 pF
D = ±.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
Capacitance
EIA Capacitance Code in pF.
First two digits = significant
figures or “R” for decimal
place.
Third digit = number of zeros
or after “R” significant figures.
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481 (equivalent to IEC
286 part 3).
—8mm carrier
—7" reel: UQCA = 500 or 4000 pc T&R
UQCL = 500, 4000 or 10,000 pc T&R
UQCB = 500 or 1000 pc T&R
UQCS = 500 or 4000 pc T&R
UQCR = 500 or 1000 pc T&R
UQCF = 500 or 4000 pc T&R
Packaging Code
ME = 7" Reel Marked
2A = 7" Unmarked
(0402, 0603, &
0805 only)
* Vertical T&R available
RoHS COMPLIANT
Pb: Free
Case
Length (L)
Width (W)
Thickness (T)
Band Width (bw)
UQCA
.055 + .015 - .010
.055±.015
.057 (1.45) max.
.010 + .010 -.005
(1.40+ .381 - .254)
(1.40±.381)
(.254 +.254 -.127)
UQCB
.110 + .020 - .010
.110±.015
.102 (2.59) max.
.015±.010
(2.79 +.508 -.254)
(2.79±.381)
(.381±.254)
UQCR
.070 ± .015
.090±.010
.115 (2.92) max.
.010 + .010 -.005
(1.78 ± .381)
(2.29±.254)
(.254 +.254 -.127)
UQCL
.040 ± .004
.020±.004
.024 (.600) max.
.010 ± .006
(1.02 ± .100)
(0.51±.100)
(0.25 ± 0.15)
UQCS
.063 ± .006
.032±.006
.035 (.890) max.
.014 ± .006
(1.60 ± 0.15)
(0.81±0.15)
(0.36 ± 0.15)
UQCF
.079 ± .008
.049±.008
.051 (1.30) max.
.020 ± 0.01
(2.01 ± 0.20)
(1.24±0.20)
(0.51 ± 0.25)
MECHANICAL DIMENSIONS: inches (millimeters)
L
W
T
A
101J
bw


Similar Description - UQCR2A100CAJME

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
CDR11-14 AVX-CDR11-14 Datasheet
1Mb / 8P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCB7M390JATME AVX-SQCB7M390JATME Datasheet
914Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
925Kb / 7P
   SQ A Case & B Case Ultra Low ESR MLC
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com