Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-CA085-200-WH Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TBU-CA085-200-WH
Description  TBU High Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA085-200-WH Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TBU-CA085-200-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA085-200-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA085-200-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA085-200-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA085-200-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA085-200-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU-CA Series - TBU® High Speed Protectors
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Min.
Typ.
Max.
Unit
Itrigger
Current required for the device to go from operating state to
protected state
TBU-CAxxx-050-WH
TBU-CAxxx-100-WH
TBU-CAxxx-200-WH
TBU-CAxxx-300-WH
TBU-CAxxx-500-WH
50
100
200
300
500
75
150
300
450
750
100
200
400
600
1000
mA
Rdevice
Series resistance of
the TBU device
Vimp = 250 V Itrigger (min.) = 50 mA
Vimp = 250 V Itrigger (min.) = 100 mA
Vimp = 250 V Itrigger (min.) = 200 mA
Vimp = 250 V Itrigger (min.) = 300 mA
Vimp = 250 V Itrigger (min.) = 500 mA
Vimp = 400 V Itrigger (min.) = 50 mA
Vimp = 400 V Itrigger (min.) = 100 mA
Vimp = 400 V Itrigger (min.) = 200 mA
Vimp = 400 V Itrigger (min.) = 300 mA
Vimp = 400 V Itrigger (min.) = 500 mA
Vimp = 500 V Itrigger (min.) = 50 mA
Vimp = 500 V Itrigger (min.) = 100 mA
Vimp = 500 V Itrigger (min.) = 200 mA
Vimp = 500 V Itrigger (min.) = 300 mA
Vimp = 500 V Itrigger (min.) = 500 mA
Vimp = 650 V Itrigger (min.) = 50 mA
Vimp = 650 V Itrigger (min.) = 100 mA
Vimp = 650 V Itrigger (min.) = 200 mA
Vimp = 650 V Itrigger (min.) = 300 mA
Vimp = 650 V Itrigger (min.) = 500 mA
Vimp = 850 V Itrigger (min.) = 50 mA
Vimp = 850 V Itrigger (min.) = 100 mA
Vimp = 850 V Itrigger (min.) = 200 mA
Vimp = 850 V Itrigger (min.) = 300 mA
Vimp = 850 V Itrigger (min.) = 500 mA
TBU-CA025-050-WH
TBU-CA025-100-WH
TBU-CA025-200-WH
TBU-CA025-300-WH
TBU-CA025-500-WH
TBU-CA040-050-WH
TBU-CA040-100-WH
TBU-CA040-200-WH
TBU-CA040-300-WH
TBU-CA040-500-WH
TBU-CA050-050-WH
TBU-CA050-100-WH
TBU-CA050-200-WH
TBU-CA050-300-WH
TBU-CA050-500-WH
TBU-CA065-050-WH
TBU-CA065-100-WH
TBU-CA065-200-WH
TBU-CA065-300-WH
TBU-CA065-500-WH
TBU-CA085-050-WH
TBU-CA085-100-WH
TBU-CA085-200-WH
TBU-CA085-300-WH
TBU-CA085-500-WH
13.3
7.1
4.2
3.2
2.6
14.3
8.1
5.2
4.3
3.6
15.7
9.5
6.6
5.6
5.0
17.7
11.5
8.6
7.6
7.0
21.4
15.2
12.3
11.3
10.7
15.3
8.2
4.8
3.8
3.0
16.5
9.4
6.0
5.0
4.2
18.0
10.9
7.5
6.5
5.7
20.3
13.2
9.8
8.8
8.0
24.5
17.4
14.0
13.0
12.2
Ω
tblock
Time for the device to go from normal operating state to protected state
1
µs
IQ
Current through the triggered TBU® device with 50 Vdc circuit voltage
0.25
0.50
1.00
mA
Vreset
Voltage below which the triggered TBU® device will transition to normal operating state
12
16
20
V
Rth(j-l)
Junction to package pads - FR4 using recommended pad layout
98
°C/W
Rth(j-l)
Junction to package pads - FR4 using heat sink on board (6 cm2) (1 in2)
40
°C/W


Similar Part No. - TBU-CA085-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA085-200-WH BOURNS-TBU-CA085-200-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-200-WH BOURNS-TBU-CA085-200-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-CA085-200-WH BOURNS-TBU-CA085-200-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-200-WH BOURNS-TBU-CA085-200-WH Datasheet
486Kb / 6P
   High-Speed Protectors
More results

Similar Description - TBU-CA085-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com