Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-CA050-100-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-CA050-100-WH
Description  TBU High Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA050-100-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-CA050-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA050-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA050-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA050-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA050-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA050-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU-CA Series - TBU® High Speed Protectors
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
TBU® protectors have matte-tin termination finish. The
suggested layout should use Non-Solder Mask Define (NSMD).
The recommended stencil thickness is 0.10-0.12 mm (.004-
.005 in.) with a stencil opening size 0.025 mm (.0010 in.) less
than the device pad size. As when heat sinking any power
device, it is recommended that wherever possible, extra PCB
copper area is allowed. For minimum parasitic capacitance, do
not allow any signal, ground or power signals beneath any of
the pads of the device.
PIN 1 & BACKSIDE CHAMFER
4.00 ± 0.10
(.157 ± .004)
0.00 - 0.05
(.000 - .002)
6.50 ± 0.10
(.256 ± .004)
0.85 ± 0.05
(.033 ± .002)
0.30
(.012)
3.40
(.134)
0.30
(.012)
1.85
(.073)
0.70
(.028)
0.70
(.028)
0.80
(.031)
1.85
(.073)
C
PIN 1
0.25
(.010)
3
2
1
Pad #
Pin Out
1
Line In/Out
2
NU
3
Line Out/In
Pad Designation
Dark grey areas show added PCB copper area for better
thermal resistance.
Thermal Resistance vs Additional PCB Cu Area
Added Cu Area (Sq. In.)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
120
100
80
60
40
20
0


Similar Part No. - TBU-CA050-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA050-100-WH BOURNS-TBU-CA050-100-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA050-100-WH BOURNS-TBU-CA050-100-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-CA050-100-WH BOURNS-TBU-CA050-100-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA050-100-WH BOURNS-TBU-CA050-100-WH Datasheet
486Kb / 6P
   High-Speed Protectors
More results

Similar Description - TBU-CA050-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-PK050-100-WH BOURNS-TBU-PK050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com