Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBU-PK075-100-WH Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # TBU-PK075-100-WH
Description  TBU High Speed Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PK075-100-WH Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  TBU-PK075-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PK075-100-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
TBU-PK Series - TBU® High Speed Protectors
Reflow Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C/sec. max.
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 sec.
Time maintained above:
- Temperature (TL)
- Time (tL)
217 °C
60-150 sec.
Peak/Classification Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temp. (tp)
20-40 sec.
Ramp-Down Rate
6 °C/sec. max.
Time 25 °C to Peak Temperature
8 min. max.
How to Order
TBU - PK 085 - 100 - WH
TBU® Product
Series
PK = Dual Bidirectional Series
Impulse Voltage Rating
050 = 500 V
060 = 600 V
075 = 750 V
085 = 850 V
Trigger Current
100 = 100 mA
Hold to Trip Ratio Suffix
W = Hold to Trip Ratio
Package Suffix
H = DFN Package
Typical Part Marking
PIN 1
MANUFACTURING
DATE CODE
- 1ST DIGIT INDICATES THE YEAR’S 6-MONTH PERIOD.
- 2ND DIGIT INDICATES THE WEEK NUMBER IN THE 6-MONTH PERIOD.
- 3RD & 4TH DIGITS INDICATE SPECIFIC LOT FOR THE WEEK.
6-MONTH PERIOD CODES:
A = JAN-JUN 2009
C = JAN-JUN 2010
E = JAN-JUN 2011
B = JUL-DEC 2009
D = JUL-DEC 2010
F = JUL-DEC 2011
MANUFACTURER’S
TRADEMARK
PRODUCT CODE
- 1ST DIGIT INDICATES PRODUCT FAMILY:
K = TBU-PK SERIES
- 2ND & 3RD DIGITS INDICATE IMPULSE VOLTAGE:
50 = 500 V
60 = 600 V
75 = 750 V
85 = 850 V
- 4TH DIGIT INDICATES TRIGGER CURRENT:
1 = 100 mA


Similar Part No. - TBU-PK075-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PK075-100-WH BOURNS-TBU-PK075-100-WH Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-PK075-100-WH BOURNS-TBU-PK075-100-WH Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-PK075-100-WH BOURNS-TBU-PK075-100-WH Datasheet
812Kb / 7P
   TBU-PK Series - TBU High-Speed Protectors
TBU-PK075-100-WH BOURNS-TBU-PK075-100-WH Datasheet
796Kb / 7P
   High-Speed Protectors
More results

Similar Description - TBU-PK075-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com