Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893S Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N1893S
Description  Type 2N1893S Geometry 4500 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

   
 2 page
background image
Data Sheet No. 2N1893S
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA, pulsed
Collector-Emitter Breakdown Voltage
IC = 30 mA, pulsed
Emitter-Base Breakdown Voltage
IE = 10 µA, pulsed
Collector-Base Cutoff Current
VCB = 90 V
Collector-Base Cutoff Current
VCB = 90 V, TA = 150
oC
Emitter-Base Cutoff Current
VEB = 6 V
ICBO2
---
15
µA
IEBO
---
10
nA
ICBO1
---
10
nA
---
V(BR)EBO
7.0
---
V(BR)CEO
80
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
120
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 0.1 mA, VCE = 10 V, pulsed
hFE1
20
---
---
IC = 10 mA, VCE = 10 V, pulsed
hFE2
35
---
---
IC = 150 mA, VCE = 10 V, pulsed
hFE3
40
120
---
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA, pulsed
VBE(sat)1
---
1.3
V dc
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA, pulsed
VCE(sat)1
---
5.0
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 1 mA, f = 20 MHz
Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 5 mA
Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 10 mA, f = 1 kHz
Small Signal, Short Circuit Input Impedance
VCB = 10 V, IC = 5 mA
Small Signal, Open Circuit Output Admittance
VCB = 10 V, IC = 5.0 mA
Small signal, Open Circuit Reverse Voltage Transfer Ratio
VCB = 10 V, IC = 5 mA
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Pulse Response
See Test Condition in MIL-S-19500/182D
ton + toff
---
30
ns
COBO
5.0
15
pF
hrb
---
1.5x10
-4
---
|hFE|
3.0
10
---
Ohms
hob
0
0.5
µOhms
hib
4.0
8.0
hFE
35
100
---
hFE
45
---
---




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C1893Chip Type 2C1893 Geometry 4500 Polarity NPN 1 Semicoa Semiconductor
2N1893Type 2N1893 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3019Type 2N3019 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3019SType 2N3019S Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3057AType 2N3057A Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3700Type 2N3700 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3700UBType 2N3700UB Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2C5109Chip Type 2C5109 Geometry 1007 Polarity NPN 1 Semicoa Semiconductor
2N3507LType 2N3507L Geometry 1506 Polarity NPN 1 2 Semicoa Semiconductor
2N4150SType 2N4150S Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl