Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA165PA Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA165PA
Description  8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165PA Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA165PA Datasheet HTML 5Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 6Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 7Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 8Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 9Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 10Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 11Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 12Page - ATMEL Corporation ATMEGA165PA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
8285AS–AVR–10/10
ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P
3.
Resources
A comprehensive set of development tools, application notes and datasheets are available for
download on http://www.atmel.com/avr.
4.
Data Retention
Reliability Qualification results show that the projected data retention failure rate is much less
than 1 PPM over 20 years at 85°C or 100 years at 25°C.
5.
About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
These code examples assume that the part specific header file is included before compilation.
For I/O registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI"
instructions must be replaced with instructions that allow access to extended I/O. Typically
"LDS" and "STS" combined with "SBRS", "SBRC", "SBR", and "CBR".


Similar Part No. - ATMEGA165PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165PA ATMEL-ATMEGA165PA Datasheet
418Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega165PA-AN ATMEL-ATmega165PA-AN Datasheet
581Kb / 24P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATmega165PA-ANR ATMEL-ATmega165PA-ANR Datasheet
581Kb / 24P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA165PA-AU ATMEL-ATMEGA165PA-AU Datasheet
418Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega165PA-AU ATMEL-ATmega165PA-AU Datasheet
581Kb / 24P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results

Similar Description - ATMEGA165PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_10 Datasheet
792Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_08 Datasheet
515Kb / 26P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_07 Datasheet
331Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_1 Datasheet
6Mb / 377P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P_0702 ATMEL-ATMEGA164P_0702 Datasheet
3Mb / 408P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164 ATMEL-ATMEGA164 Datasheet
296Kb / 23P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA16M1 ATMEL-ATMEGA16M1_09 Datasheet
667Kb / 22P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA164P ATMEL-ATMEGA164P_09 Datasheet
543Kb / 28P
   8-bit Microcontroller with 16/32/64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com