Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ5.6V Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KDZ5.6V
Description  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ5.6V Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KDZ5.6V Datasheet HTML 1Page - KEC(Korea Electronics) KDZ5.6V Datasheet HTML 2Page - KEC(Korea Electronics) KDZ5.6V Datasheet HTML 3Page - KEC(Korea Electronics) KDZ5.6V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2009. 6. 26
4/4
KDZ2.0V~36V
Revision No : 12
ZENER VOLTAGE V
(V)
Z
AMBIENT TEMPERATURE Ta ( C)
I
- V
ZZ
PD - Ta
0
0
50
100
150
200
2
4
6
8
10
0
50
100
150
200
250
300
* MOUNTED ON A GLASS
EPOXY CIRCUIT BOARD
OF 20x20mm
PAD DIMENSION
OF 4x4mm
γ - V
ZENER VOLTAGE VZ (V)
13
10
30
-0.12
5
% / C
0.5
0.5
5
5
5mA
0.5mA
5mA
Z
Z
I =0.5mA
Z
-0.08
-0.04
0
0.04
0.08
0.12
-30
-20
-10
0
10
20
30
mV/ C
8
04
12
16
20
24
28
30
32
34


Similar Part No. - KDZ5.6V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ5.6V KEC-KDZ5.6V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6V KEC-KDZ5.6V Datasheet
21Kb / 1P
   USC PACKAGE
KDZ5.6V KEC-KDZ5.6V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6VV KEC-KDZ5.6VV Datasheet
75Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
KDZ5.6VV KEC-KDZ5.6VV Datasheet
376Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDZ5.6V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com