Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ3.6VV Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDZ3.6VV
Description  SILICON EPITAXIAL PLANAR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ3.6VV Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDZ3.6VV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ3.6VV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ3.6VV Datasheet HTML 3Page - KEC(Korea Electronics) KDZ3.6VV Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2010. 9. 1
1/4
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0VV~36VV
Revision No : 2
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
・Small Package : VSC
・Sharp Breakdown Characteristic.
・Normal Voltage Tolerance about ±6%.
MAXIMUM RATING (Ta=25
℃)
VSC
DIM
MILLIMETERS
A
B
C
D
E
CATHODE MARK
B
A
F
2
1
1.4 0.05
+_
1.0 0.05
+_
0.6 0.05
+_
0.28 0.03
+_
0.5 0.05
+_
0.12 0.03
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
* Mounted on a glass epoxy circuit board of 20
×20㎜,
pad dimension of 4
×4㎜.
**Under development
Type No.
Marking
Type No.
Marking
Type No.
Marking
Type No.
Marking
-
Y
-
Y
-
Y
-
Y
**KDZ2.0VV
ZA
AY
KDZ4.3VV
ZJ
JY
KDZ9.1VV
ZS
SY
KDZ20VV
20
4Y
**KDZ2.2VV
ZB
BY
KDZ4.7VV
ZK
KY
KDZ10VV
10
0Y
KDZ22VV
22
7Y
**KDZ2.4VV
ZC
CY
KDZ5.1VV
ZL
LY
KDZ11VV
11
1Y
KDZ24VV
24
9Y
**KDZ2.7VV
ZD
DY
KDZ5.6VV
ZM
MY
KDZ12VV
12
2Y
KDZ27VV
27
TY
**KDZ3.0VV
ZE
EY
KDZ6.2VV
ZN
NY
KDZ13VV
13
3Y
KDZ30VV
30
UY
**KDZ3.3VV
ZF
FY
KDZ6.8VV
ZP
PY
KDZ15VV
15
5Y
KDZ33VV
33
VY
**KDZ3.6VV
ZG
GY
KDZ7.5VV
ZQ
QY
KDZ16VV
16
6Y
KDZ36VV
36
WY
**KDZ3.9VV
ZH
HY
KDZ8.2VV
ZR
RY
KDZ18VV
18
8Y
-
-
-


Similar Part No. - KDZ3.6VV

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ3.6VV KEC-KDZ3.6VV Datasheet
376Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDZ3.6VV

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com