Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ5109 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # SQ5109
Description  Chip Type 2C5109 Geometry 1007 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SQ5109 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  SQ5109 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C5109
Geometry 1007
Polarity NPN
Data Sheet No. 2C5109
Generic Packaged Parts:
2N5109
Chip type 2C5109 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N5109, 2N5109UB, SD5109, SD5109F,
SQ5109, SQ5109F
APPLICATIONS:
Designed for broadband applications. Us-
able as high frequency current mode
switch to 200 mA.
Features:
Special Characteristics
ft = 1200 MHz (typ) at 50 mA/15V
Top
Al - 15 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
3.4 mils x 3.0 mils
Base
3.4 mils x 3.0 mils
Die Thickness
Chip Area
Top Surface
15 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCER
IC = 5.0 mA, RBE = 10 Ohms
40
---
V dc
BVCEO
IC = 5.0 mA
20
---
V dc
ICEO
VCE = 15 V dc
---
20
µA
IEBO
VBE = 3.0 V dc
---
100
µA
hFE1
IC= 360 mA, VCE = 3.0 V dc
5.0
---
---
hFE2
IC= 50 mA, VCE = 15 V dc
40
120
---
Electrical Characteristics
TA= 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - SQ5109

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SQ510 LUMINIS-SQ510 Datasheet
111Kb / 2P
   Extruded aluminum housing
More results

Similar Description - SQ5109

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2N5109 SEMICOA-2N5109 Datasheet
47Kb / 2P
   Type 2N5109 Geometry 1007 Polarity NPN
2N3866A SEMICOA-2N3866A Datasheet
43Kb / 2P
   Type 2N3866A Geometry 1007 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2222A SEMICOA-2C2222A Datasheet
29Kb / 1P
   Chip Type 2C2222A Geometry 0400 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
   Chip Type 2C3960 Geometry 0003 Polarity NPN
2C5664 SEMICOA-2C5664 Datasheet
31Kb / 1P
   Chip Type 2C5664 Geometry 9221 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com