Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3725-01 Datasheet(PDF) 2 Page - Fuji Electric

Part # 2SK3725-01
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3725-01 Datasheet(HTML) 2 Page - Fuji Electric

  2SK3725-01 Datasheet HTML 1Page - Fuji Electric 2SK3725-01 Datasheet HTML 2Page - Fuji Electric 2SK3725-01 Datasheet HTML 3Page - Fuji Electric 2SK3725-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Characteristics
2SK3725-01
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
10
20
30
40
50
60
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
0
2
4
6
8
10
12
141618
20
2224
0
1
2
3
4
5
6
7
8
20V
10V
8V
7.5V
7.0V
VDS [V]
Typical Output Characteristics
ID=f(VDS):80
µs pulse test,Tch=25 °C
VGS=6.5V
01234
5678
9
10
0.1
1
10
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80
µs pulse test,VDS=25V,Tch=25°C
0.1
1
10
0.1
1
10
ID [A]
Typical Transconductance
gfs=f(ID):80
µs pulse test,VDS=25V,Tch=25°C
01
23
45
6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80
µs pulse test,Tch=25°C
10V
20V
8V
7.5V
7.0V
VGS=6.5V
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
Tch [
°C]
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=1.5A,VGS=10V


Similar Part No. - 2SK3725-01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3725-01 VBSEMI-2SK3725-01 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3725-01 ISC-2SK3725-01 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3725-01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com