Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2C4957 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2C4957
Description  Chip Type 2C4957 Geometry 0006 Polarity PNP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2C4957 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2C4957 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C4957
Geometry 0006
Polarity PNP
Data Sheet No. 2C4957
Generic Packaged Parts:
2N4957, 2N4958, 2N4959
Chip type 2C4957 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N4957, 2N4957UB, 2N4958, 2N4958UB,
2N4959, 2N4959UB, SD4957, SD4957F,
SQ4957, SQ4957F
APPLICATIONS:
Designed for high-gain, low-noise class A
amplifiers, oscillators and mixers.
Features:
Special Characteristics
ft = 1.6 GHz (typ) at 2.0 mA/10V
Radiation graphs available
Top
Al - 12 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
2.3 mils x 2.3 mils
Base
2.3 mils x 2.3 mils
Die Thickness
Chip Area
Top Surface
16 mils x 16 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 1.0 mA
30
---
V dc
BVCBO
IC = 100 µA
30
---
V dc
BVEBO
IE = 100 µA
3.0
---
V dc
ICBO
VCB = 10 V dc
---
0.1
µA
hFE
VCE = 10 V, IC = 2.0 mA
20
150
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - 2C4957

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2C40C0G104J050B ETC-2C40C0G104J050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
2C40C0G104J050R ETC-2C40C0G104J050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
2C40C0G104K050B ETC-2C40C0G104K050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
2C40C0G104K050R ETC-2C40C0G104K050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
2C40C0G104M050B ETC-2C40C0G104M050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
More results

Similar Description - 2C4957

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4957 SEMICOA-2N4957 Datasheet
43Kb / 2P
   Type 2N4957 Geometry 0006 Polarity PNP
2N4957UB SEMICOA-2N4957UB Datasheet
67Kb / 2P
   Type 2N4957UB Geometry 0006 Polarity PNP
2C2904A SEMICOA-2C2904A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2C6193 SEMICOA-2C6193 Datasheet
31Kb / 1P
   Chip Type 2C6193 Geometry 9700 Polarity PNP
2C2907A SEMICOA-2C2907A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
2C4261 SEMICOA-2C4261 Datasheet
29Kb / 1P
   Chip Type 2C4261 Geometry 0014 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com