Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893UB Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N1893UB
Description  Chip Type 2C1893 Geometry 4500 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

   
 1 page
background image
Chip Type 2C1893
Geometry 4500
Polarity NPN
Data Sheet No. 2C1893
Generic Packaged Parts:
2N1893, 2N1893S
Chip type 2C1893 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N1893, 2N1893S, 2N1893UB, SD1893,
SD1893F, SQ1893, SQ1893F
APPLICATIONS: Designed for medium
power amplifier and switching applica-
tions.
Features:
• Medium power ratings
Top
Al - 12 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
2.3 mils x 7.0 mils
Base
5.0 mils x 11.0 mils
Die Thickness
Chip Area
Top Surface
30 mils x 30 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCBO
IC = 100 µA, IE = 0
120
---
V dc
BVEBO
IE = 100 µA, IC = 0
7.0
---
V dc
ICBO
VCB = 60 V, IE = 0
---
10
nA dc
hFE
IC = 150 mA dc, VCE = 10 V
40
120
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C2484Chip Type 2C2484 Geometry 0307 Polarity NPN 1 Semicoa Semiconductor
2C2605Chip Type 2C2605 Geometry 0220 Polarity NPN 1 Semicoa Semiconductor
2C918Chip Type 2C918 Geometry 0013 Polarity NPN 1 Semicoa Semiconductor
2C2857Chip Type 2C2857 Geometry 0011 Polarity NPN 1 Semicoa Semiconductor
2C3019Chip Type 2C3019 Geometry 4500 Polarity PNP 1 Semicoa Semiconductor
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N1893Type 2N1893 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2C3506Chip Type 2C3506 Geometry 1506 Polarity NPN 1 Semicoa Semiconductor
2N1893SType 2N1893S Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2C3866AChip Type 2C3866A Geometry 1007 Polarity NPN 1 Semicoa Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl