Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MBH15D-120 Datasheet(PDF) 3 Page - Fuji Electric

Part # 1MBH15D-120
Description  Molded IGBT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

1MBH15D-120 Datasheet(HTML) 3 Page - Fuji Electric

  1MBH15D-120 Datasheet HTML 1Page - Fuji Electric 1MBH15D-120 Datasheet HTML 2Page - Fuji Electric 1MBH15D-120 Datasheet HTML 3Page - Fuji Electric 1MBH15D-120 Datasheet HTML 4Page - Fuji Electric 1MBH15D-120 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristics
1MBH15-120,1MBH15D-120
1MBH15-120, 1MBH15D-120
Molded IGBT
Collector current vs. Collector-Emitter voltage
Tj=25°C
Collector current vs. Collector-Emitter voltage
Tj=125°C
Collector-Emitter vs. Gate-Emitter voltage
Tj=25°C
Collector-Emitter vs. Gate-Emitter voltage
Tj=125°C
Switching time vs. Collector current
Vcc=600V, RG=120 ohm, VGE=±15V, Tj=25°C
Switching time vs. Collector current
Vcc=600V, RG=120 ohm, VGE=±15V, Tj=125°C
Collector-Emitter voltage : VCE [V]
Collector-Emitter voltage : VCE [V]
0
1
2
3
4
5
0
5
10
15
20
Gate-Emitter voltage : VGE [V]
Gate-Emitter voltage : VGE [V]
100
Collector current : Ic [A]
Collector current : Ic [A]
0
5
10
15
20
25
50
40
30
20
10
0
10
8
6
4
2
0
1000
10
8
6
4
2
0
100
1000
0
1
2
3
4
5
0
5
10
15
20
50
40
30
20
10
0
0
5
10
15
20
25


Similar Part No. - 1MBH15D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBH15D-120 FUJI-1MBH15D-120 Datasheet
268Kb / 5P
   Fuji Discrete Package IGBT
More results

Similar Description - 1MBH15D-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBK50D-060S FUJI-1MBK50D-060S Datasheet
390Kb / 5P
   Molded IGBT
1MBK30D-060S FUJI-1MBK30D-060S Datasheet
443Kb / 5P
   Molded IGBT
logo
Fairchild Semiconductor
FP7G50US60 FAIRCHILD-FP7G50US60 Datasheet
923Kb / 10P
   Transfer Molded Type IGBT Module
FP7G100US60 FAIRCHILD-FP7G100US60 Datasheet
924Kb / 10P
   Transfer Molded Type IGBT Module
FP7G75US60 FAIRCHILD-FP7G75US60 Datasheet
823Kb / 10P
   Transfer Molded Type IGBT Module
logo
STMicroelectronics
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
   IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
   IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
STGIPS10K60A STMICROELECTRONICS-STGIPS10K60A Datasheet
458Kb / 17P
   IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
485Kb / 21P
   IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com