Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2C2222A Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2C2222A
Description  Chip Type 2C2222A Geometry 0400 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2C2222A Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2C2222A Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C2222A
Geometry 0400
Polarity NPN
Data Sheet No. 2C2222A
Generic Packaged Parts:
2N2219, 2N2219A, 2N2222,
2N2222A
Chip type 2C2222A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N2222A, 2N2222, 2N2219, 2N2219A, 2N2219AL,
2N2222AUB, SD2222A, SD2222AF, SQ2222A,
SQ2222AF, 2N5582, 2N6989, 2N6990
APPLICATIONS: Designed for general
purpose switching and amplifier applica-
tions.
Features: Medium power ratings
Top
Al - 24 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
4.0 mils x 4.0 mils
Base
4.0 mils x 4.0 mils
Die Thickness
Chip Area
Top Surface
20 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10 mA, IB = 0
40
---
V dc
BVCBO
IC = 10 µA, IE = 0
75
---
V dc
BVEBO
IE = 10 µA, IC = 0
6.0
---
V dc
ICBO
VCB = 50 V, IE = 0
---
10
nA dc
hFE
IC = 150 mA dc, VCE = 10 V
100
300
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - 2C2222A

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2C2.5UM ALTECH-2C2.5UM Datasheet
551Kb / 2P
   V-EA-Series - UL508 Manual Motor Controller
logo
Honeywell Solid State E...
2C201 HONEYWELL-2C201 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
2C203 HONEYWELL-2C203 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Honeywell Accelerometer...
2C204 HONEYWELL-ACC-2C204 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2C204 HONEYWELL-2C204 Datasheet
1Mb / 11P
   Pushbutton Switches and Indicators
More results

Similar Description - 2C2222A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N6989 SEMICOA-2N6989 Datasheet
53Kb / 2P
   Type 2N6989 Geometry 0400 Polarity NPN
2N2222A SEMICOA-2N2222A Datasheet
45Kb / 2P
   Type 2N2222A Geometry 0400 Polarity NPN
2N2219A SEMICOA-2N2219A Datasheet
60Kb / 2P
   Type 2N2219A Geometry 0400 Polarity NPN
2N2219AL SEMICOA-2N2219AL Datasheet
60Kb / 2P
   Type 2N2219AL Geometry 0400 Polarity NPN
2N2222AUB SEMICOA-2N2222AUB Datasheet
47Kb / 2P
   Type 2N2222AUB Geometry 0400 Polarity NPN
2C918 SEMICOA-2C918 Datasheet
30Kb / 1P
   Chip Type 2C918 Geometry 0013 Polarity NPN
2C2857 SEMICOA-2C2857 Datasheet
30Kb / 1P
   Chip Type 2C2857 Geometry 0011 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C3960 SEMICOA-2C3960 Datasheet
29Kb / 1P
   Chip Type 2C3960 Geometry 0003 Polarity NPN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com