Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI1200U4G-170 Datasheet(PDF) 5 Page - Fuji Electric

Part # 2MBI1200U4G-170
Description  IGBT MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI1200U4G-170 Datasheet(HTML) 5 Page - Fuji Electric

  2MBI1200U4G-170 Datasheet HTML 1Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 2Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 3Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 4Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 5Page - Fuji Electric 2MBI1200U4G-170 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
55
IGBT Modules
2MBI1200U4G-170
Equivalent Circuit Schematic
Outline Drawings, mm
main emitter
main collector
main collector
main emitter
sense emitter
E1
C1
C2
E2
E1
gate
G1
sense collector
sense collector
gate
sense emitter
C1
C2
G2
E2


Similar Part No. - 2MBI1200U4G-170

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI1200U4G-120 FUJI-2MBI1200U4G-120 Datasheet
581Kb / 6P
   IGBT MODULE (U series) 1200V / 1200A / 2 in one package
More results

Similar Description - 2MBI1200U4G-170

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com